Electronic Components Datasheet Search
  English  ▼

X  

BF1101 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF1101
Description  N-channel dual-gate MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1101 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF1101 Datasheet HTML 1Page - NXP Semiconductors BF1101 Datasheet HTML 2Page - NXP Semiconductors BF1101 Datasheet HTML 3Page - NXP Semiconductors BF1101 Datasheet HTML 4Page - NXP Semiconductors BF1101 Datasheet HTML 5Page - NXP Semiconductors BF1101 Datasheet HTML 6Page - NXP Semiconductors BF1101 Datasheet HTML 7Page - NXP Semiconductors BF1101 Datasheet HTML 8Page - NXP Semiconductors BF1101 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 May 14
2
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
FEATURES
• Short channel transistor with high
forward transfer admittance to input
capacitance ratio
• Low noise gain controlled amplifier
up to 1 GHz
• Partly internal self-biasing circuit to
ensure good cross-modulation
performance during AGC and good
DC stabilization.
APPLICATIONS
• VHF and UHF applications with
3 to 7 V supply voltage, such as
television tuners and professional
communications equipment.
DESCRIPTION
Enhancement type N-channel
field-effect transistor with source and
substrate interconnected. Integrated
diodes between gates and source
protect against excessive input
voltage surges. The BF1101,
BF1101R and BF1101WR are
encapsulated in the SOT143B,
SOT143R and SOT343R plastic
packages respectively.
PINNING
PIN
DESCRIPTION
1
source
2
drain
3
gate 2
4
gate 1
Fig.1
Simplified outline
(SOT143B).
BF1101 marking code: NDp.
handbook, 2 columns
Top view
MSB014
12
3
4
Fig.2
Simplified outline
(SOT143R).
BF1101R marking code: NCp.
handbook, 2 columns
Top view
MSB035
1
2
4
3
Fig.3
Simplified outline
(SOT343R).
BF1101WR marking code: NC.
fpage
Top view
MSB842
21
4
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
7V
ID
drain current
−−
30
mA
Ptot
total power dissipation
−−
200
mW
y
fs
forward transfer admittance
25
30
−
mS
Cig1-ss
input capacitance at gate 1
−
2.2
2.7
pF
Crss
reverse transfer capacitance
f = 1 MHz
−
25
35
fF
F
noise figure
f = 800 MHz
−
1.7
2.5
dB
Xmod
cross-modulation
input level for k = 1% at
40 dB AGC
100
−−
dB
µV
Tj
operating junction temperature
−−
150
°C
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com