Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X28HT010 Datasheet HTML 2Page - Renesas Technology Corp X28HT010 Datasheet HTML 3Page - Renesas Technology Corp X28HT010 Datasheet HTML 4Page - Renesas Technology Corp X28HT010 Datasheet HTML 5Page - Renesas Technology Corp X28HT010 Datasheet HTML 6Page - Renesas Technology Corp X28HT010 Datasheet HTML 7Page - Renesas Technology Corp X28HT010 Datasheet HTML 8Page - Renesas Technology Corp X28HT010 Datasheet HTML 9Page - Renesas Technology Corp X28HT010 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 6 of 20
February 12, 2007
The Toggle Bit can eliminate the software housekeeping chore
of saving and fetching the last address and data written to a
device in order to implement DATA Polling. This can be
especially helpful in an array comprised of multiple
X28C010/X28HT010 memories that is frequently updated.
Toggle Bit Polling can also provide a method for status
checking in multiprocessor applications. The timing diagram in
Figure 4 illustrates the sequence of events on the bus. The
software flow diagram in Figure 5 illustrates a method for
polling the Toggle Bit.
Hardware Data Protection
The X28C010/X28HT010 provides three hardware features
that protect nonvolatile data from inadvertent writes.
• Noise Protection—A WE pulse less than 10ns will not initiate
a write cycle.
• Default VCC Sense—All functions are inhibited when VCC is
3.5V.
• Write inhibit—Holding either OE LOW, WE HIGH, or CE
HIGH will prevent an inadvertent write cycle during power-up
and power-down, maintaining data integrity.
Software Data Protection
The X28C010/X28HT010 offers a software controlled data
protection feature. The X28C010/X28HT010 is shipped from
Intersil with the software data protection NOT ENABLED: that
is the device will be in the standard operating mode. In this
mode data should be protected during power-up/-down
operations through the use of external circuits. The host would
then have open read and write access of the device once VCC
was stable.
The X28C010/X28HT010 can be automatically protected
during power-up and power-down without the need for external
circuits by employing the software data protection feature. The
internal software data protection circuit is enabled after the first
write operation utilizing the software algorithm. This circuit is
nonvolatile and will remain set for the life of the device unless
the reset command is issued.
Once the software protection is enabled, the
X28C010/X28HT010 is also protected from inadvertent and
accidental writes in the powered-up state. That is, the software
algorithm must be issued prior to writing additional data to the
device.
Software Algorithm
Selecting the software data protection mode requires the host
system to precede data write operations by a series of three
write operations to three specific addresses. Refer to Figures 6
and 7 for the sequence. The three byte sequence opens the
page write window enabling the host to write from one to two
hundred fifty-six bytes of data. Once the page load cycle has
been completed, the device will automatically be returned to
the data protected state.
Load Accum
From Addr N
Compare
Accum with
Addr N
Ready
No
Yes
Last Write
Compare
Ok?
FIGURE 5. TOGGLE BIT SOFTWARE FLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com