Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X28HT010 Datasheet HTML 6Page - Renesas Technology Corp X28HT010 Datasheet HTML 7Page - Renesas Technology Corp X28HT010 Datasheet HTML 8Page - Renesas Technology Corp X28HT010 Datasheet HTML 9Page - Renesas Technology Corp X28HT010 Datasheet HTML 10Page - Renesas Technology Corp X28HT010 Datasheet HTML 11Page - Renesas Technology Corp X28HT010 Datasheet HTML 12Page - Renesas Technology Corp X28HT010 Datasheet HTML 13Page - Renesas Technology Corp X28HT010 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 10 of 20
February 12, 2007
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias
X28C010 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
X28C010I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
X28C010M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
X28HT010 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +175°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any pin with respect to VSS. . . . . . . . . . . . . . -1V to +7V
D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead temperature
(soldering, 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300°C
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C tp +85°C
Military . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
High Temperature . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +175°C
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions (above those indicated in the operational sections of this specification) is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
DC Electrical Specifications
Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC
VCC Current (Active) (TTL Inputs)
CE = OE = VIL, WE = VIH, All I/O’s = Open,
Address Inputs = 0.4V/2.4V Levels @ f = 5MHz
50
mA
ISB1
VCC Current (Standby) (TTL Inputs) CE = VIH, OE = VIL, All I/O’s = Open, Other Inputs = VIH
3mA
ISB2
VCC Current (Standby) (CMOS
Inputs)
CE = VCC - 0.3V, OE = VIL, All I/O’s = Open,
Other Inputs = VCC
500
µA
ILI
Input Leakage Current
VIN = VSS to VCC
10
µA
VIN = VSS to VCC (Note 2)
20
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, CE = VIH
10
µA
VOUT = VSS to VCC, CE = VIH (Note 2)
20
µA
VlL (Note 1) Input LOW Voltage
-1
0.8
V
(Note 2)
-1
0.6
V
VIH (Note 1) Input HIGH Voltage
2VCC + 1
V
(Note 2)
2.2
VCC + 1
V
VOL
Output LOW Voltage
IOL = 2.1mA
0.4
V
IOL = 1mA (Note 2)
0.5
V
VOH
Output HIGH Voltage
IOH = -400µA
2.4
V
IOH = -400µA
2.6
V
IBB
Back Bias Current
VBB = -3V ±10% (Note 2)
200
µA
NOTE:
1. VIL min. and VIH max. are for reference only and are not tested.
2. X28HT010W
Power-Up Timing
SYMBOL
PARAMETER
MAX
UNIT
tPUR (Note 3)
Power-up to Read operation
100
µs
tPUW (Note 3)
Power-up to Write operation
5
ms
Capacitance
TA = +25°C, f = 1MHz, VCC = 5V
SYMBOL
PARAMETER
TEST CONDITIONS
MAX
UNIT
CI/O (Note 3)
Input/Output capacitance
VI/O = 0V
10
pF
CIN (Note 3)
Input capacitance
VIN = 0V
10
pF
NOTE:
3. This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com