Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button X28HT010 Datasheet HTML 12Page - Renesas Technology Corp X28HT010 Datasheet HTML 13Page - Renesas Technology Corp X28HT010 Datasheet HTML 14Page - Renesas Technology Corp X28HT010 Datasheet HTML 15Page - Renesas Technology Corp X28HT010 Datasheet HTML 16Page - Renesas Technology Corp X28HT010 Datasheet HTML 17Page - Renesas Technology Corp X28HT010 Datasheet HTML 18Page - Renesas Technology Corp X28HT010 Datasheet HTML 19Page - Renesas Technology Corp X28HT010 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 17 of 20
February 12, 2007
Packaging Information
32-Lead Ceramic Flat Pack Type F
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.019 (0.48)
0.015 (0.38)
0.045 (1.14) Max.
Pin 1 Index
132
0.120 (3.05)
0.090 (2.29)
Min.
0.026 (0.66)
0.007 (0.18)
0.004 (0.10)
0.370 (9.40)
0.270 (6.86)
0.830 (21.08) Max.
0.050 (1.27) BSC
0.440
0.430 (10.93)
0.347 (8.82)
0.330 (8.38)
0.005 (0.13) Min.
0.030 (0.76)
Min.
1.228 (31.19)
1.000 (25.40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com