Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button X28HT010 Datasheet HTML 3Page - Renesas Technology Corp X28HT010 Datasheet HTML 4Page - Renesas Technology Corp X28HT010 Datasheet HTML 5Page - Renesas Technology Corp X28HT010 Datasheet HTML 6Page - Renesas Technology Corp X28HT010 Datasheet HTML 7Page - Renesas Technology Corp X28HT010 Datasheet HTML 8Page - Renesas Technology Corp X28HT010 Datasheet HTML 9Page - Renesas Technology Corp X28HT010 Datasheet HTML 10Page - Renesas Technology Corp X28HT010 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 7 of 20
February 12, 2007
Software Data Protection
Regardless of whether the device has previously been
protected or not, once the software data protection algorithm is
used and data has been written, the X28C010/X28HT010 will
automatically disable further writes unless another command is
issued to cancel it. If no further commands are issued the
X28C010/X28HT010 will be write protected during power-
down and after any subsequent power-up. The state of A15
and A16 while executing the algorithm is don’t care.
Note: Once initiated, the sequence of write operations should
not be interrupted.
CE
WE
(VCC)
Write
Protected
VCC
0V
Data
Addr
AA
5555
55
2AAA
A0
5555
 tBLC MAX
Writes
Ok
Byte
or
Page
tWC
FIGURE 6. TIMING SEQUENCE—BYTE OR PAGE WRITE
Write Last
Byte
Last Address
Write Data 55
to Address
2AAA
Write Data A0
to Address
5555
Write Data XX
to Any
Address
After tWC
Re-Enters Data
Protected State
Write Data AA
to Address
5555
Byte/Page
Load Operation
Optional
FIGURE 7. WRITE SEQUENCE FOR SOFTWARE DATA
PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com