Electronic Components Datasheet Search
  English  ▼

X  

X28HT010 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # X28HT010
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button X28HT010 Datasheet HTML 8Page - Renesas Technology Corp X28HT010 Datasheet HTML 9Page - Renesas Technology Corp X28HT010 Datasheet HTML 10Page - Renesas Technology Corp X28HT010 Datasheet HTML 11Page - Renesas Technology Corp X28HT010 Datasheet HTML 12Page - Renesas Technology Corp X28HT010 Datasheet HTML 13Page - Renesas Technology Corp X28HT010 Datasheet HTML 14Page - Renesas Technology Corp X28HT010 Datasheet HTML 15Page - Renesas Technology Corp X28HT010 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 12 of 20
February 12, 2007
Read Cycle
NOTE:
4. tLZ min.,tHZ, tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured, with CL = 5pF, from the point
when CE or OE return HIGH (whichever occurs first) to the time when the outputs are no longer driven.
tCE
tRC
Address
CE
OE
WE
Data Valid
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
Data I/O
VIH
HIGH Z
Data Valid
Write Cycle Limits
SYMBOL
PARAMETER
MIN
MAX
UNIT
tWC (Note 5) Write cycle time
10
ms
tAS
Address setup time
0
ns
tAH
Address hold time
50
ns
tCS
Write setup time
0
ns
tCH
Write hold time
0
ns
tCW
CE pulse width
100
ns
tOES
OE HIGH setup time
10
ns
tOEH
OE HIGH hold time
10
ns
tWP
WE pulse width
100
ns
tWPH
WE HIGH recovery
100
ns
tDV
Data valid
1µs
tDS
Data setup
50
ns
tDH
Data hold
0
ns
tDW
Delay to next write
10
µs
tBLC
Byte load cycle
0.2
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com