Electronic Components Datasheet Search
  English  ▼

X  

LM8333 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8333
Description  Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8333 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM8333 Datasheet HTML 3Page - National Semiconductor (TI) LM8333 Datasheet HTML 4Page - National Semiconductor (TI) LM8333 Datasheet HTML 5Page - National Semiconductor (TI) LM8333 Datasheet HTML 6Page - National Semiconductor (TI) LM8333 Datasheet HTML 7Page - National Semiconductor (TI) LM8333 Datasheet HTML 8Page - National Semiconductor (TI) LM8333 Datasheet HTML 9Page - National Semiconductor (TI) LM8333 Datasheet HTML 10Page - National Semiconductor (TI) LM8333 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7.0 Device Operation (Continued)
TABLE 2. Example Sequence of Events
Event Number
Event Code
Event on Input
Matrix Node
Description
1
0xF1
Wake_INP7
K_OUT0
Key is pressed
2
0xB6
Wake_INP3
K_OUT5
Key is pressed
3
0x71
Wake_INP7
K_OUT0
Key is released
4
0x36
Wake_INP3
K_OUT5
Key is released
5
0xB4
Wake_INP3
K_OUT3
Key is pressed
6
0x34
Wake_INP3
K_OUT3
Key is released33
7
0x91
Wake_INP1
K_OUT0
Key is pressed
8
0x00
NA
NA
Indicates end of stored events
7.2 I/O EXPANSION
In addition to keypad scanning, the LM8333 supports vari-
ous I/O expansion options.
7.2.1 PWM Output with Programmable Duty Cycle
The PWM pin may be used either as a pulse-width modu-
lated output driven by a 16-bit timer or as a general-purpose
output pin. In the PWM mode, the low time (T
LO) and high
time (T
HI) are programmable between1xtC and 65K x tC
cycles in which t
C is the cycle time (nominally 1 microsec-
ond), as shown in Figure 3. The period T
PD is the sum of THI
and T
LO. The PWM_LO command writes TLO, and the PW-
M_HI command writes T
HI. Operational modes of the PWM
pin are controlled by the PWM_CTL command. Before acti-
vating the PWM output, the T
LO and THI times must be
initialized. Figure 4 shows the command formats.
20210604
FIGURE 2. Example Event Codes Loaded in FIFO Buffer
20210605
FIGURE 3. Programmable PWM
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com