Electronic Components Datasheet Search
  English  ▼

X  

LM8333 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8333
Description  Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8333 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM8333 Datasheet HTML 7Page - National Semiconductor (TI) LM8333 Datasheet HTML 8Page - National Semiconductor (TI) LM8333 Datasheet HTML 9Page - National Semiconductor (TI) LM8333 Datasheet HTML 10Page - National Semiconductor (TI) LM8333 Datasheet HTML 11Page - National Semiconductor (TI) LM8333 Datasheet HTML 12Page - National Semiconductor (TI) LM8333 Datasheet HTML 13Page - National Semiconductor (TI) LM8333 Datasheet HTML 14Page - National Semiconductor (TI) LM8333 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
7.0 Device Operation (Continued)
The data is sent from the slave to the host in the fourth byte.
This byte ends with a negative acknowledgement (NACK) to
indicate the end of the data.
7.6 WAKE-UP FROM HALT MODE
Any bus transaction initiated by the host may encounter the
LM8333 device in Halt mode or busy with processing data,
such as controlling the FIFO buffer or executing interrupt
service routines.
Figure 10 shows the case in which the host sends a com-
mand while the LM8333 is in Halt mode (CPU clock is
stopped). Any activity on the ACCESS.bus wakes up the
LM8333, but it cannot acknowledge the first bus cycle im-
mediately after wake-up.
The host drives a Start condition followed by seven address
bits and a R/W bit. The host then releases SDA for one clock
period, so that it can be driven by the LM8333.
If the LM8333 does not drive SDA low during the high phase
of the clock period immediately after the R/W bit, the bus
cycle terminates without being acknowledged (shown as
NACK in Figure 10). The host then aborts the transaction by
sending a Stop condition. After aborting the bus cycle, the
host may then retry the bus cycle. On the second attempt,
the LM8333 will be able to acknowledge the slave address,
because it will be in Active mode.
Alternatively, the I
2C specification allows sending a START
byte (00000001), which will not be acknowledged by any
device. This byte can be used to wake up the LM8333 from
Halt mode.
The LM8333 may also stall the bus transaction by pulling the
SCL low, which is a valid behavior defined by the I
2C
specification.
20210611
FIGURE 9. Host Read Command
20210612
FIGURE 10. LM8333 Responds with NACK, Host Retries Command
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com