Electronic Components Datasheet Search
  English  ▼

X  

LPC86X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 3Page - NXP Semiconductors LPC86X Datasheet HTML 4Page - NXP Semiconductors LPC86X Datasheet HTML 5Page - NXP Semiconductors LPC86X Datasheet HTML 6Page - NXP Semiconductors LPC86X Datasheet HTML 7Page - NXP Semiconductors LPC86X Datasheet HTML 8Page - NXP Semiconductors LPC86X Datasheet HTML 9Page - NXP Semiconductors LPC86X Datasheet HTML 10Page - NXP Semiconductors LPC86X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
7 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
6. Block diagram
7. Pinning information
7.1 Pinning
Fig 3.
LPC86x block diagram
Multilayer
AHB Matrix
AHB to
APB bridge
General
Purpose
DMA
controller
Note:
-Orange shaded blocks support General. Purpose DMA.
M1
P2
P0
Comparator
Switch Matrix
Multi-Rate Timer
System control
Periph Input Mux Selects
PMU Regs
Windowed WDT
Wakeup timer
P1
Flash Registers (NVMC)
ADC Inputs
& Triggers
12b ADC
P3
I2C0
I2C0
SPIs 0-1
SPI0,1
UARTs 0-2
UART0,1,2
M0
JTAG Boundary
Scan interface
I3C0
I3C0
IOCON Registers
ARM
Cortex-M0+
ISP Access
Port
DEBUG INTERFACE
IOP
bus
GPIOs &
GPIOINT
GPIOs
Port 0, 1
Vdd
CLKOUT
Flash
Controller
Flash
Cache
Boot Rom
8 kB
SRAM
8 kB
Flash
64 KB
DMA
registers
CRC
AIPS-Lite
bridge0
FlexTimer0
(6-channel)
FlexTimer1
(4-channel)
LPOSC
CMP
Inputs
1-25M Xtalout
1-25M Xtalin
FTM1_CH0-3
FTM0_CH0-5
FTM0_FAULT0-3,
FTM0_EXTCLK
FTM1_QD_PHA-PHB,
FTM1_EXTCLK
Clock generation,
power control,
Voltage regulator,
other system functions
PoR
PLL
BoD
FRO
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com