Electronic Components Datasheet Search
  English  ▼

X  

LPC86X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC86X
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC86X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC86X Datasheet HTML 6Page - NXP Semiconductors LPC86X Datasheet HTML 7Page - NXP Semiconductors LPC86X Datasheet HTML 8Page - NXP Semiconductors LPC86X Datasheet HTML 9Page - NXP Semiconductors LPC86X Datasheet HTML 10Page - NXP Semiconductors LPC86X Datasheet HTML 11Page - NXP Semiconductors LPC86X Datasheet HTML 12Page - NXP Semiconductors LPC86X Datasheet HTML 13Page - NXP Semiconductors LPC86X Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
LPC86x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev.3 — 28 April 2023
10 of 97
NXP Semiconductors
LPC86x
32-bit Arm Cortex-M0+ microcontroller
7.2 Pin description
The pin description table shows the pin functions that are fixed to specific pins on each
package. See Table 4. These fixed-pin functions are selectable through the switch matrix
between GPIO and the comparator, ADC, SWD, RESET, and the XTAL pins. By default,
the GPIO function is selected and is in a High-Z state except on pins PIO0_2, PIO0_3,
and PIO0_5. JTAG functions are available in boundary scan mode only.
Movable functions for the I2C, I3C, USART, SPI, and other peripherals can be assigned
through the switch matrix to any pin that is not powered or ground in place of the pin’s
fixed functions.
FlexTimer functions can be placed on a selection of up to 3 pins through the switch matrix.
The following exceptions apply:
Do not assign more than one output to any pin. However, an output and/or one or more
inputs can be assigned to a pin. Once any function is assigned to a pin, the pin’s GPIO
functionality is disabled.
Pin PIO0_4 triggers a wake-up from deep power-down mode. If the part must wake up
from deep power-down mode via an external pin, do not assign any movable function to
this pin.
Fig 6.
Pin configuration HVQFN32 package
aaa-026595
Transparent top view
PIO0_9/XTALOUT
SWDIO/PIO0_2/TMS
PIO0_11
PIO0_8/XTALIN
SWCLK/PIO0_3/TCK
VDD
PIO0_28/WKTCLKIN
VREFN
PIO0_4/ADC_11/TRST/WAKEUP
VREFP
PIO0_5/RESET
PIO0_7/ADC_0
PIO0_12
PIO0_6/ADC_1/ACMPVREF
PIO0_13/ADC_10
PIO0_0/ACMP_I1/TDO
8
17
7
18
6
19
5
20
21
3
4
22
2
23
1
24
terminal 1
index area
33 VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com