Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # KP375
Description  AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP375 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button KP375 Datasheet HTML 9Page - Vishay Siliconix KP375 Datasheet HTML 10Page - Vishay Siliconix KP375 Datasheet HTML 11Page - Vishay Siliconix KP375 Datasheet HTML 12Page - Vishay Siliconix KP375 Datasheet HTML 13Page - Vishay Siliconix KP375 Datasheet HTML 14Page - Vishay Siliconix KP375 Datasheet HTML 15Page - Vishay Siliconix KP375 Datasheet HTML 16Page - Vishay Siliconix KP375 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28127
260
Revision: 30-Nov-05
KP/MKP 375
Vishay BCcomponents
AC and Pulse Polypropylene Film
Capacitors KP/MKP
Radial Epoxy Lacquered Type
SPECIFIC REFERENCE DATA (2000 VDC)
URdc = 2000 V; URac = 600 V; Up-p = 1700 V (standard)
0.01
8.0
× 24.0 × 26.0
3.2
90154
500
0.011
8.5
× 24.5 × 26.0
3.4
90155
450
0.012
90156
0.013
9.0
× 25.0 × 26.0
3.6
90157
450
0.015
9.5
× 25.5 × 26.0
4.0
90158
400
0.016
10.0
× 26.0 × 26.0
4.3
90159
350
0.018
10.5
× 26.5 × 26.0
4.7
90161
350
C (µF)
pitch = 27.5 ± 1.0 mm; dt = 0.80 ± 0.08 mm
0.02
9.0
× 25.0 × 30.0
4.2
90474
450
0.022
9.5
× 25.5 × 30.0
4.4
90475
450
0.024
10.0
× 26.0 × 30.0
4.7
90476
400
0.027
10.5
× 26.5 × 30.0
5.2
90477
350
0.03
11.0
× 27.0 × 30.0
5.6
90478
350
0.033
11.5
× 27.5 × 30.0
6.0
90479
350
0.036
12.0
× 28.0 × 30.0
6.5
90481
300
0.039
12.5
× 28.5 × 30.0
6.9
90482
300
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
Pitch
= 15 mm and 7.5 mm (bent back)
≤ 6 × 10−4
≤ 10 × 10−4
Pitch
= 22.5 mm
≤ 6 × 10−4
≤ 10 × 10−4
Pitch
= 27.5 mm
≤ 6 × 10−4
≤ 15 × 10−4
Rated voltage pulse slope (dU/dt)R:
Pitch
= 15 mm and 7.5 mm (bent back)
30000 V/µs
Pitch
= 22.5 mm
10000 V/µs
Pitch
= 27.5 mm
6700 V/µs
R between leads at 500 V; 1 minute
> 100000 MΩ
R between interconnected leads and case; 500 V; 1 minute
> 100000 MΩ
Ionization (AC) voltage (typical value) at 20 pC peak discharge
> 600 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
3200 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
DIMENSIONS
wmax × h(h')max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 375 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 5.0 ± 1.0 mm
all leads
REEL
∅
500 mm
REEL
∅
356 mm
REEL
∅
500 mm
C-tol = ± 5 %
C-tol = ± 5 %
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
SPQ
C (pF)
pitch = 15.0 ± 0.4 mm; dt = 0.80 ± 0.08 mm
pitch
= 7.5 mm (bent back)
pitch
= 15.0 mm
100
5.5
× 14.5 (15.0) × 18.5
0.75
44101
2000
46101
900
500
1100
110
0.75
44111
46111
120
0.75
44121
46121
130
0.75
44131
46131
150
0.75
44151
46151
DIMENSIONS
wmax × h(h')max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 375 ..... AND PACKAGING
LOOSE IN BOX
lt = 4.0 + 1.0/- 0.5 mm
C-tol = ± 5 %
last 5 digits of catalog number
SPQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com