Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # KP375
Description  AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP375 Datasheet(HTML) 4 Page - Vishay Siliconix

  KP375 Datasheet HTML 1Page - Vishay Siliconix KP375 Datasheet HTML 2Page - Vishay Siliconix KP375 Datasheet HTML 3Page - Vishay Siliconix KP375 Datasheet HTML 4Page - Vishay Siliconix KP375 Datasheet HTML 5Page - Vishay Siliconix KP375 Datasheet HTML 6Page - Vishay Siliconix KP375 Datasheet HTML 7Page - Vishay Siliconix KP375 Datasheet HTML 8Page - Vishay Siliconix KP375 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Document Number: 28127
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 30-Nov-05
251
KP/MKP 375
AC and Pulse Polypropylene
Film Capacitors KP/MKP
Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 630 V; URac = 300 V; Up-p = 850 V (lock lead)
C (µF)
pitch = 22.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
pitch
= 7.5 mm (bent back)
pitch
= 22.5 mm
0.036
7.0
× 20.0 × 26.0
2.7
14363
650
550
0.039
14393
0.043
14433
0.047
14473
0.051
14513
0.056
14563
0.062
14623
0.068
7.5
× 20.5 × 26.0
3.0
14683
600
500
0.075
8.0
× 21.0 × 26.0
3.3
14753
550
500
0.082
14823
0.091
8.5
× 21.5 × 26.0
3.8
14913
500
450
0.1
9.0
× 22.0 × 26.0
4.0
14104
450
450
0.11
9.5
× 22.5 × 26.0
4.3
14114
400
400
0.12
10.0
× 23.0 × 26.0
4.7
14124
400
400
C (µF)
pitch = 27.5 ± 0.5 mm; dt = 0.80 ± 0.08 mm
pitch
= 7.5 mm (bent back)
pitch
= 27.5 mm
0.13
9.5
× 22.5 × 30.0
4.7
14134
500
0.15
10.0
× 23.0 × 30.0
5.2
14154
500
0.16
10.5
× 23.5 × 30.0
5.5
14164
450
0.18
11.0
× 24.0 × 30.0
6.0
14184
400
0.2
11.5
× 24.5 × 30.0
6.6
14204
400
0.22
12.5
× 25.5 × 30.0
7.1
14224
350
0.24
13.0
× 26.0 × 30.0
7.7
14244
300
0.27
13.5
× 26.5 × 30.0
8.5
14274
300
DIMENSIONS
wmax × h(h')max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 375 ..... AND PACKAGING
LOOSE IN BOX
lt = 4.0 + 1.0/- 0.5 mm
C-tol = ± 5 %
last 5 digits of catalog number
SPQ
C (pF)
pitch = 10.0 ± 1.0 mm; dt = 0.60 ± 0.06 mm
680
5.0
× 16.0 × 14.5
0.65
90308
2000
750
0.65
90309
820
5.5
× 16.5 × 14.5
0.70
90311
2000
910
0.70
90312
1000
0.70
90313
1100
0.75
90314
1200
0.75
90315
1300
0.75
90316
1500
0.80
90317
1600
0.85
90318
1800
6.0
× 17.0 × 14.5
0.80
90319
1750
2000
0.85
90321
2200
0.90
90322
2400
1.0
90323
2700
6.5
× 17.5 × 14.5
1.1
90324
1500
DIMENSIONS
wmax × h(h')max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 375 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 5.0 ± 1.0 mm
all leads
REEL
∅
500 mm
REEL
∅
356 mm
REEL
∅
500 mm
C-tol = ± 5 %
C-tol = ± 5 %
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
SPQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com