Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KP375
Description  AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP375 Datasheet(HTML) 2 Page - Vishay Siliconix

  KP375 Datasheet HTML 1Page - Vishay Siliconix KP375 Datasheet HTML 2Page - Vishay Siliconix KP375 Datasheet HTML 3Page - Vishay Siliconix KP375 Datasheet HTML 4Page - Vishay Siliconix KP375 Datasheet HTML 5Page - Vishay Siliconix KP375 Datasheet HTML 6Page - Vishay Siliconix KP375 Datasheet HTML 7Page - Vishay Siliconix KP375 Datasheet HTML 8Page - Vishay Siliconix KP375 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Document Number: 28127
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 30-Nov-05
249
KP/MKP 375
AC and Pulse Polypropylene
Film Capacitors KP/MKP
Radial Epoxy Lacquered Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA (630 VDC)
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
Pitch
= 10 mm, 15 mm and 7.5 mm (bent back)
≤ 6 × 10−4
≤ 10 × 10−4
Pitch
= 22.5 mm
≤ 8 × 10−4
≤ 15 × 10−4
Pitch
= 27.5 mm
≤ 8 × 10−4
≤ 20 × 10−4
Rated voltage pulse slope (dU/dt):
Pitch
= 10 mm
15000 V/µs
Pitch
= 15 mm and 7.5 mm (bent back)
8000 V/µs
Pitch
= 22.5 mm
2800 V/µs
Pitch
= 27.5 mm
1900 V/µs
R between leads at 500 V; 1 minute
> 100000 MΩ
R between interconnected leads and case; 500 V; 1 minute
> 100000 MΩ
Ionization (AC) voltage (typical value) at 50 pC peak discharge
> 400 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
1008 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
* Use this partnumber for those with access to the
Vishay’s SAP system and Partners website within
the Americas
2222
375
XX XX X
BFC2* 375
XX XX X
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
630 V
1000 V
1600 V
2000 V
1600 V
2000 V
2500 V
monitor
type
monitor
type
monitor
type
375
loose in box
lead length 5.0 ± 1.0 mm
± 5 %
14
24
34
44
64
74
84
lock lead 4.0 + 1.0/- 0.5 mm
± 5 %
90
90
90
90
90
90
90
taped on reel
(bent back)
H = 16.0 mm; P0 = 15.0 mm;
reel diameter 500 mm
± 5 %
16
26
36
46
66
−
−
dimensions of this code numbers stays between brackets
ON REQUEST
375
loose in box
lead length 5.0 ± 1.0 mm
± 3.5 %
15
25
35
45
65
75
85
lead length 3.5 ± 0.5 mm
± 5 %
102030
40607080
± 3.5 %
112131
41617181
taped on reel
H
= 16.0 mm; P
0 = 12.7 mm;
reel diameter
= 500 mm
± 5 %
122232
42627282
± 3.5 %
132333
43637383
taped on reel
(bent back)
H = 16.0 mm; P0 = 15.0 mm;
reel diameter = 500 mm
± 3.5 %
17
27
37
47
67
−−
dimensions of this code numbers stays between brackets
H = 16.0 mm; P0 = 15.0 mm;
reel diameter = 356 mm
± 5 %
182838
4868
−−
TYPE AND PITCHES
375
10.0/7.5 mm
15.0/7.5 mm
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.01
1
0.1
2
1
3
10
4
CAPACITANCE
(numerically; but not
for lock lead)
Example:
104 = 10 x 10 = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com