Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # KP375
Description  AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP375 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button KP375 Datasheet HTML 16Page - Vishay Siliconix KP375 Datasheet HTML 17Page - Vishay Siliconix KP375 Datasheet HTML 18Page - Vishay Siliconix KP375 Datasheet HTML 19Page - Vishay Siliconix KP375 Datasheet HTML 20Page - Vishay Siliconix KP375 Datasheet HTML 21Page - Vishay Siliconix KP375 Datasheet HTML 22Page - Vishay Siliconix KP375 Datasheet HTML 23Page - Vishay Siliconix KP375 Datasheet HTML 24Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28127
268
Revision: 30-Nov-05
KP/MKP 375
Vishay BCcomponents
AC and Pulse Polypropylene
Film Capacitors KP/MKP
Radial Epoxy Lacquered Type
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
Tamb
≤ 85 °C, 630 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
85
°C < Tamb ≤ 105 °C, 630 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
Tamb
≤ 85 °C, 1000 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
85 °C < Tamb
≤ 105 °C, 1000 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
Tamb
≤ 85 °C, 1600 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
85
°C < Tamb ≤ 105 °C, 1600 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com