Electronic Components Datasheet Search
  English  ▼

X  

KP375 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # KP375
Description  AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP375 Datasheet(HTML) 3 Page - Vishay Siliconix

  KP375 Datasheet HTML 1Page - Vishay Siliconix KP375 Datasheet HTML 2Page - Vishay Siliconix KP375 Datasheet HTML 3Page - Vishay Siliconix KP375 Datasheet HTML 4Page - Vishay Siliconix KP375 Datasheet HTML 5Page - Vishay Siliconix KP375 Datasheet HTML 6Page - Vishay Siliconix KP375 Datasheet HTML 7Page - Vishay Siliconix KP375 Datasheet HTML 8Page - Vishay Siliconix KP375 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28127
250
Revision: 30-Nov-05
KP/MKP 375
Vishay BCcomponents
AC and Pulse Polypropylene Film
Capacitors KP/MKP
Radial Epoxy Lacquered Type
URdc = 630 V; URac = 300 V; Up-p = 850 V (standard)
DIMENSIONS
wmax × h(h')max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 375 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 5.0 ± 1.0 mm
all leads
REEL
∅
500 mm
REEL
∅
356 mm
REEL
∅
500 mm
C-tol = ± 5 %
C-tol = ± 5 %
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
SPQ
C (pF)
pitch = 10.0 ± 0.4 mm; dt = 0.60 ± 0.06 mm
pitch
= 7.5 mm (bent back)
pitch
= 10.0 mm
680
5.0
× 13.0 × 14.5
0.65
14681
2000
1200
750
0.65
14751
820
5.5
× 13.5 × 14.5
0.70
14821
2000
1100
910
0.70
14911
1000
0.70
14102
1100
0.75
14112
1200
0.75
14122
1300
0.75
14132
1500
0.80
14152
1600
0.85
14162
1800
6.0
× 14.0 × 14.5
0.80
14182
1750
1000
2000
0.85
14202
2200
0.90
14222
2400
1.0
14242
2700
6.5
× 14.5 × 14.5
1.1
14272
1500
900
C (pF)
pitch = 15.0 ± 0.4 mm; dt = 0.80 ± 0.08 mm
pitch
= 7.5 mm (bent back)
pitch
= 15.0 mm
3000
5.0
× 14.0 (15.5) × 18.5
1.0
14302
2000
16302
1000
550
1200
3300
14332
16332
3600
5.5
× 14.5 (16.0) × 18.5
1.1
14362
2000
16362
900
500
1100
3900
14392
16392
4300
14432
16432
4700
14472
16472
5100
14512
16512
5600
14562
16562
6200
6.0
× 15.0 (16.5) × 18.5
1.2
14622
2000
16622
800
450
1000
6800
14682
16682
7500
14752
16752
8200
14822
16822
9100
14912
16912
10000
14103
16103
11000
14113
16113
12000
14123
16123
13000
14133
16133
15000
14153
16153
16000
14163
16163
18000
6.5
× 15.5 (17.0) × 18.5
1.3
14183
1500
16183
750
400
900
20000
14203
16203
22000
7.0
× 16.0 (17.5) × 18.5
1.5
14223
1500
16223
700
400
800
24000
7.5
× 16.5 (18.0) × 18.5
1.6
14243
1250
16243
650
350
800
27000
8.0
× 17.0 (18.5) × 18.5
1.9
14273
1250
16273
600
350
750
30000
14303
16303
33000
8.5
× 17.5 (19.0) × 18.5
2.0
14333
1000
16333
550
300
700
36000
9.5
× 18.5 (20.0) × 18.5
2.3
on request
900
on request
500
300
600
39000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com