Electronic Components Datasheet Search
  English  ▼

X  

103P Datasheet(PDF) 3 Page - Exxelia Group

Part # 103P
Description  Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

103P Datasheet(HTML) 3 Page - Exxelia Group

  103P Datasheet HTML 1Page - Exxelia Group 103P Datasheet HTML 2Page - Exxelia Group 103P Datasheet HTML 3Page - Exxelia Group 103P Datasheet HTML 4Page - Exxelia Group 103P Datasheet HTML 5Page - Exxelia Group 103P Datasheet HTML 6Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
typical characteristics polyester Film / Foil types
9
INSuLATION RESISTANCE VS. TEMPERATuRE
CAPACITANCE CHANgE VS. TEMPERATuRE
typical characteristics
6
4
2
0
-2
-.4
-6
-50
-25
0255075100
125
% Capacitance Change
Temperature (°C)
Capacitance Change Vs Temperature
Polyester Film/foil
Temperature (°C)
Temperature (°C)
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-50
-25
0255075
100
125
% Dissipation Factor
Dissipation Factor Vs. Temperature
Polyester Film/foil
Measured at 1kHz
1,000,000
100,000
10,000
1,000
100
25
45
65
85
105125
Megaohms X Microfarads
Typical
Insulation Resistance Vs. Temperature
Polyester Film/foil
DISSIPATION FACTOR VS. TEMPERATuRE
6
4
2
0
-2
-.4
-6
-50
-25
0255075100
125
% Capacitance Change
Temperature (°C)
Capacitance Change Vs Temperature
Polyester Film/foil
Temperature (°C)
Temperature (°C)
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-50
-25
0255075
100
125
% Dissipation Factor
Dissipation Factor Vs. Temperature
Polyester Film/foil
Measured at 1kHz
1,000,000
100,000
10,000
1,000
100
25
45
65
85
105125
Megaohms X Microfarads
Typical
Insulation Resistance Vs. Temperature
Polyester Film/foil
6
4
2
0
-2
-.4
-6
-50
-25
0255075100
125
% Capacitance Change
Temperature (°C)
Capacitance Change Vs Temperature
Polyester Film/foil
Temperature (°C)
Temperature (°C)
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-50
-25
0255075
100
125
% Dissipation Factor
Dissipation Factor Vs. Temperature
Polyester Film/foil
Measured at 1kHz
1,000,000
100,000
10,000
1,000
100
25
45
65
85
105125
Megaohms X Microfarads
Typical
Insulation Resistance Vs. Temperature
Polyester Film/foil



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com