Electronic Components Datasheet Search
  English  ▼

X  

103P Datasheet(PDF) 1 Page - Exxelia Group

Part # 103P
Description  Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

103P Datasheet(HTML) 1 Page - Exxelia Group

  103P Datasheet HTML 1Page - Exxelia Group 103P Datasheet HTML 2Page - Exxelia Group 103P Datasheet HTML 3Page - Exxelia Group 103P Datasheet HTML 4Page - Exxelia Group 103P Datasheet HTML 5Page - Exxelia Group 103P Datasheet HTML 6Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Metal-Case sUbMiNiatUre 10 aMPere
tHrU-Pass PaPer CaPaCitors
eleCtriCal sPeCiFiCatioNs
CapaCitanCe range: 0.001 μF to 1.0 μF
DC VOltage range: 200 VDC to 600 VDC
CapaCitanCe tOleranCe: ±20%, ±10%
Operating temperature: -55°C to +125°C
VOltage Derating: At +125°C, 50% of the 85°C rating
DissipatiOn FaCtOr: 1.0% maximum
VOltage test: 200% of rated voltage for 2 minutes
insulatiOn resistanCe:
Measure at rated voltage, not to exceed 500 VDC, after a 2 minute charge.
• At +25°C, 20,000 Megohm-Microfarads, need not exceed 30,000 Megaohms
• At +85°C, 200 Megohm-Microfarads, need not exceed 300 Megaohms
DC resistanCe: 0.01 ohms maximum
insertiOn lOss: See table on next page
CirCUit diaGraM
diMeNsioNs (in inches)
FeatUres
• Bulkhead mounting
• Excellent RFI specs
• Hermetically encased
• Low inductance connection
• Low insertion loss
• Approved to MIL-PRF-11693 / 07
• 10 Amp current ratings
majOr appliCatiOns:
Used to suppress RF interference in the following equipment, rotating
machinery, ignition systems, electromechanical devices, and electronic device.
PHysiCal CHaraCteristiCs
COnstruCtiOn:
Non-inductive wound paper / foil, wound around a feed-thru bus. The case is the
common ground of the three terminal network.
Case:
Hermetically sealed metal enclosure; the case and terminal styles are
shown above.
leaD pull:
5 lbs (2.3 kg) for one minute. No physical damage.
leaD / BenD:
After three complete consecutive bends. No damage.
marking:
Dearborn trademark, type or catalog number, capacitance, tolerance and voltage.
48
NUT 5/16-
24UNF-2A
PT. NO. 6-113
0.125
±0.015
EXTERNAL TOOTHED
LOCKWASHER
PT. NO. 2-123
0.040
DIA.
+0.004
-0.001
(10 .18 AWG)
SOLID TINNED LEADS
1.625
+1.000
-0.000
±0.031
±0.031
0.312
+0.015
-0.005
0.125
MAX
DIA.
1.625
+1.000
-0.000
L
D
C
L
C
L
0.020
±0.005
0.125
±0.015
SLOT 0.062 x 0.125
0.156
0.296
±0.062
±0.015
0.187
±0.015
0.020
±0.005
C
L
C
L
SLOT
x 0.125
0.312 ± 0.031
0.296 ± 0.062
-24 UNF - 2A THD
5
16
0.156 ±0.015 0.187 ±0.015
0.060
0.050
0.255
0.250
ACROSS
FLATS
0.125 ±
0.015
NUT 5/16-
24UNF-2A
PT. NO. 6-113
0.125
±0.015
EXTERNAL TOOTHED
LOCKWASHER
PT. NO. 2-123
0.040
DIA.
+0.004
-0.001
(10 .18 AWG)
SOLID TINNED LEADS
1.625
+1.000
-0.000
±0.031
±0.031
0.312
+0.015
-0.005
0.125
MAX
DIA.
1.625
+1.000
-0.000
L
D
C
L
C
L
0.020
±0.005
0.125
±0.015
SLOT 0.062 x 0.125
0.156
0.296
±0.062
±0.015
0.187
±0.015
0.020
±0.005
C
L
C
L
SLOT
x 0.125
0.312 ± 0.031
0.296 ± 0.062
-24 UNF - 2A THD
5
16
0.156 ±0.015 0.187 ±0.015
0.060
0.050
0.255
0.250
ACROSS
FLATS
0.125 ±
0.015


Similar Part No. - 103P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
103P VISHAY-103P Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
logo
Amphenol Communications...
103P010BB100 AMPHENOLCS-103P010BB100 Datasheet
197Kb / 2P
0.35 Pitch - 0.60 Stack Height, BTB, 103 Series
logo
Vishay Siliconix
103P102X0600S VISHAY-103P102X0600S Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
103P102X0600T VISHAY-103P102X0600T Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
103P103X0600S VISHAY-103P103X0600S Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
More results

Similar Description - 103P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
103P VISHAY-103P Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA363B5 CTS-LA363B5 Datasheet
155Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
131P VISHAY-131P Datasheet
70Kb / 2P
Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
17-Nov-03
logo
CTS Corporation
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
XFMRS Inc.
XFRJ458-CTGXU1-4MS XFMRS-XFRJ458-CTGXU1-4MS Datasheet
106Kb / 2P
SINGLE PORT PASS THRU
logo
Vishay Siliconix
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
Wet Tantalum SMD Capacitors, Tantalum Metal Case with Glass-to-Tantalum Hermetic Seal, DLA Approved
18-Jun-2019
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
Metal-Case Metalized Paper / Polyester FILM Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com