Electronic Components Datasheet Search
  English  ▼

X  

103P Datasheet(PDF) 4 Page - Exxelia Group

Part # 103P
Description  Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

103P Datasheet(HTML) 4 Page - Exxelia Group

  103P Datasheet HTML 1Page - Exxelia Group 103P Datasheet HTML 2Page - Exxelia Group 103P Datasheet HTML 3Page - Exxelia Group 103P Datasheet HTML 4Page - Exxelia Group 103P Datasheet HTML 5Page - Exxelia Group 103P Datasheet HTML 6Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Guide to orderinG
19
1.625
+1.00
-0.00
±0.031
+0.015
-0.005
0.172 Max.
L
D
L
±0.31
-0.000
1.625
+1.000
0.172
Max.
+0.015
-0.005
D
INSULATING SLEEVE
0.0075 MAX THICKNESS
0.020
±0.015
SOLID
TINNED
LEADS
SECTION INSULATED FROM CASE
DIMENSIONS IN INCHES
CASE STYLE 02
CASE STYLE 04
±0.031
L
±0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.000
-0.000
±0.005
A
DIA
C B
0.033 ±0.005 FOR 0.400
DIA., 0.051 ±0.005 FOR
DIA. 0.500 AND LARGER
W
WRAP-AROUND
APPROX. 135°
FOR 0.400 DIA.,
AND APPROX.
225° FOR LARGER DIA.
±0.015
C
L
CASE STYLE 13
±0.031
L
±0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.00
-0
1.625
+1.00
-0
0.020
L
±0.062
-0
1.625
+1.00
-0
1.625
+1.00
0.172
Max.
+0.015
-0.037
D
DIA.
INSULATING SLEEVE
0.0075 MAX. THICKNESS
±0.015
0.020
±0.015
SECTION GROUNDED TO CASE
DIMENSIONS IN INCHES
CASE STYLE 01
CASE STYLE 03
±0.031
L
+0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.00
-0
1.625
+1.00
-0
±0.005
DIA
A
C B
0.033 ±0.005 FOR 0.400 DIA.,
0.051 ±0.005 FOR DIA. 0.500
AND LARGER
W
±0.015
C
L
CASE STYLE 12
The length of grounded styles is 0.062" shorter than the length
shown in tabulations in the catalog"
section insulated From case
section Grounded to case
DIMENSIONS (in inches)
The length of grounded styles is 0.062” shorter than the length shown in tabulations in the catalog.
DIMENSIONS (in inches)
1.625
+1.00
-0.00
±0.031
+0.015
-0.005
0.172 Max.
L
D
L
±0.31
-0.000
1.625
+1.000
0.172
Max.
+0.015
-0.005
D
INSULATING SLEEVE
0.0075 MAX THICKNESS
0.020
±0.015
SOLID
TINNED
LEADS
SECTION INSULATED FROM CASE
DIMENSIONS IN INCHES
CASE STYLE 02
CASE STYLE 04
±0.031
L
±0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.000
-0.000
±0.005
A
DIA
C B
0.033 ±0.005 FOR 0.400
DIA., 0.051 ±0.005 FOR
DIA. 0.500 AND LARGER
W
WRAP-AROUND
APPROX. 135°
FOR 0.400 DIA.,
AND APPROX.
225° FOR LARGER DIA.
±0.015
C
L
CASE STYLE 13
±0.031
L
±0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.00
-0
1.625
+1.00
-0
0.020
L
±0.062
-0
1.625
+1.00
-0
1.625
+1.00
0.172
Max.
+0.015
-0.037
D
DIA.
INSULATING SLEEVE
0.0075 MAX. THICKNESS
±0.015
0.020
±0.015
SECTION GROUNDED TO CASE
DIMENSIONS IN INCHES
CASE STYLE 01
CASE STYLE 03
±0.031
L
+0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.00
-0
1.625
+1.00
-0
±0.005
DIA
A
C B
0.033 ±0.005 FOR 0.400 DIA.,
0.051 ±0.005 FOR DIA. 0.500
AND LARGER
W
±0.015
C
L
CASE STYLE 12
The length of grounded styles is 0.062" shorter than the length
shown in tabulations in the catalog"
1.625
+1.00
-0.00
±0.031
+0.015
-0.005
0.172 Max.
L
D
L
±0.31
-0.000
1.625
+1.000
0.172
Max.
+0.015
-0.005
D
INSULATING SLEEVE
0.0075 MAX THICKNESS
0.020
±0.015
SOLID
TINNED
LEADS
SECTION INSULATED FROM CASE
DIMENSIONS IN INCHES
CASE STYLE 02
CASE STYLE 04
±0.031
L
±0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.000
-0.000
±0.005
A
DIA
C B
0.033 ±0.005 FOR 0.400
DIA., 0.051 ±0.005 FOR
DIA. 0.500 AND LARGER
W
WRAP-AROUND
APPROX. 135°
FOR 0.400 DIA.,
AND APPROX.
225° FOR LARGER DIA.
±0.015
C
L
CASE STYLE 13
±0.031
L
±0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.00
-0
1.625
+1.00
-0
0.020
L
±0.062
-0
1.625
+1.00
-0
1.625
+1.00
0.172
Max.
+0.015
-0.037
D
DIA.
INSULATING SLEEVE
0.0075 MAX. THICKNESS
±0.015
0.020
±0.015
SECTION GROUNDED TO CASE
DIMENSIONS IN INCHES
CASE STYLE 01
CASE STYLE 03
±0.031
L
+0.015
-0.005
D
DIA
0.172
Max.
1.625
+1.00
-0
1.625
+1.00
-0
±0.005
DIA
A
C B
0.033 ±0.005 FOR 0.400 DIA.,
0.051 ±0.005 FOR DIA. 0.500
AND LARGER
W
±0.015
C
L
CASE STYLE 12
The length of grounded styles is 0.062" shorter than the length
shown in tabulations in the catalog"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com