Electronic Components Datasheet Search
  English  ▼

X  

103P Datasheet(PDF) 6 Page - Exxelia Group

Part # 103P
Description  Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

103P Datasheet(HTML) 6 Page - Exxelia Group

  103P Datasheet HTML 1Page - Exxelia Group 103P Datasheet HTML 2Page - Exxelia Group 103P Datasheet HTML 3Page - Exxelia Group 103P Datasheet HTML 4Page - Exxelia Group 103P Datasheet HTML 5Page - Exxelia Group 103P Datasheet HTML 6Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
orderinG taBles
metal case
EXAMPLE:
wrap and Fill
EXAMPLE:
218P
223
X9
100
S
02
430P
183
X9
100
X
F
Case style
Terminal: S = Wire leads T = Soldering tab*.
DC Voltage rating: Expressed in volts.
See standard ratings charts for voltage code.
Capacitance Tolerance: X0 = ±20%
X9 = ±10%
X5 = ±5%
X2 = ±2%
Capacitance: Expressed in picofarads, the first two digits are
significant figures; the third is the number of zeros
following. See standard ratings tables for capacitance code.
Dearborn type number: Identifies the basic capacitor.
* Soldering tabs are available only on case diameters equal to or greater then 0.400 inches.
“F” applies only to “ROHS” compliant parts.
Terminal: No suffix required unless specified on
applicable specification sheet (Terminal style).
DC Voltage rating: Expressed in volts.
See standard ratings charts for voltage code.
Capacitance Tolerance: X0 = ±20%
X9 = ±10%
X5 = ±5%
X2 = ±2%
Capacitance: Expressed in picofarads, the first two digits are
significant figures; the third is the number of zeros
following. See standard ratings tables for capacitance code.
Dearborn type number: Identifies the basic capacitor.
CATALOg NuMbERINg SYSTEM
CATALOg NuMbERINg SYSTEM
21



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com