Electronic Components Datasheet Search
  English  ▼

X  

103P Datasheet(PDF) 5 Page - Exxelia Group

Part # 103P
Description  Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

103P Datasheet(HTML) 5 Page - Exxelia Group

  103P Datasheet HTML 1Page - Exxelia Group 103P Datasheet HTML 2Page - Exxelia Group 103P Datasheet HTML 3Page - Exxelia Group 103P Datasheet HTML 4Page - Exxelia Group 103P Datasheet HTML 5Page - Exxelia Group 103P Datasheet HTML 6Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Guide to orderinG
20
Bracket dimensions (Style 12 & 13 / in inches)
D
w
A
b
C
0.400
0.250
0.144
0.187±0.015
0.312±0.031
0.500
0.500
0.156
0.250±0.031
0.437±0.062
0.562
0.500
0.156
0.250±0.031
0.437±0.062
0.670
0.500
0.156
0.250±0.031
0.437±0.062
0.750
0.500
0.156
0.250±0.031
0.437±0.062
1.000
0.500
0.156
0.250±0.031
0.437±0.062
*Based on 1 in. = 25.4 mm
typical taB terminal dimensions
A = 0.156 ± 0.015” (3.96 ± 0.38 mm)
B = 0.187 ± 0.015” (4.75 ± 0.38 mm)
Tab Terminal available only on case diameters equal to or greater than
0.400 inches.
T1 & T3 styles are supplied with one tab terminal on the insulated end
and a ground lead on the opposite end.
0.020
±
0.005
0.125
±
0.015
Slot 0.062 x 0.125
AB
0.296
±
0.062
Dwg. No A-9525
c
L
c
L
TYPICAL TAB TERMINAL DIMENSIONS
A= 0.156 ±0.015" (3.96 ±0.38mm)
B = 0.187 ±0.015" (4.75 ±0.38mm)
Tab Terminal available only on case diameters equal to or greater than 0.400 inches.
T1 & T3 styles are supplied with one tab terminal on the insulated end and a ground lead on the opposite end.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com