Electronic Components Datasheet Search
  English  ▼

X  

9DB803DFILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9DB803DFILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DFILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  9DB803DFILF Datasheet HTML 1Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 2Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 3Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 4Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 5Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 6Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 7Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 8Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
4
ICS9DB803D
REV N 071013
Pin Descriptions for OE_INV=0 (cont.)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
25
GND
PWR
Ground pin.
26
PD#
IN
Asynchronous active low input pin used to power down the
device. The internal clocks are disabled and the VCO and
the crystal osc. (if any) are stopped.
27
DIF_STOP#
IN
Active low input to stop differential output clocks.
28
HIGH_BW#
PWR
3.3V input for selecting PLL Band Width
0 = High, 1= Low
29
DIF_4#
OUT
0.7V differential Complementary clock output
30
DIF_4
OUT
0.7V differential true clock output
31
VDD
PWR
Power supply, nominal 3.3V
32
GND
PWR
Ground pin.
33
DIF_5#
OUT
0.7V differential Complementary clock output
34
DIF_5
OUT
0.7V differential true clock output
35
OE_5
IN
Active high input for enabling output 5.
0 =disable outputs, 1= enable outputs
36
OE_6
IN
Active high input for enabling output 6.
0 =disable outputs, 1= enable outputs
37
DIF_6#
OUT
0.7V differential Complementary clock output
38
DIF_6
OUT
0.7V differential true clock output
39
VDD
PWR
Power supply, nominal 3.3V
40
OE_INV
IN
This latched input selects the polarity of the OE pins.
0 = OE pins active high, 1 = OE pins active low (OE#)
41
DIF_7#
OUT
0.7V differential Complementary clock output
42
DIF_7
OUT
0.7V differential true clock output
43
OE_4
IN
Active high input for enabling output 4.
0 =disable outputs, 1= enable outputs
44
OE_7
IN
Active high input for enabling output 7.
0 =disable outputs, 1= enable outputs
45
LOCK
OUT
3.3V output indicating PLL Lock Status. This pin goes high
when lock is achieved.
46
IREF
IN
This pin establishes the reference for the differential current-
mode output pairs. It requires a fixed precision resistor to
ground. 475ohm is the standard value for 100ohm
differential impedance. Other impedances require different
values. See data sheet.
47
GNDA
PWR
Ground pin for the PLL core.
48
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com