Electronic Components Datasheet Search
  English  ▼

X  

9DB803DFILF Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 9DB803DFILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DFILF Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 9DB803DFILF Datasheet HTML 15Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 16Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 17Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 18Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 19Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 20Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 21Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 22Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
19
ICS9DB803D
REV N 071013
Package Outline and Package Dimensions (48-pin TSSOP)
Package dimensions are kept current with JEDEC Publication No. 95
INDEX
AREA
1 2
48
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.17
0.27
0.007
0.011
c
0.09
0.20
0.0035
0.008
D
12.40
12.60
0.488
0.496
E
8.10 BASIC
0.319 BASIC
E1
6.00
6.20
0.236
0.244
e
0.50 Basic
0.020 Basic
L
0.45
0.75
0.018
0.030
0
8
0
8
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com