Electronic Components Datasheet Search
  English  ▼

X  

9DB803DFILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 9DB803DFILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DFILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 9DB803DFILF Datasheet HTML 10Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 11Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 12Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 13Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 14Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 15Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 16Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 17Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
14
ICS9DB803D
REV N 071013
SMBus Table: Frequency Select Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control Function
Type0
1PWD
Bit 7
PD_Mode
PD# drive mode
RW
driven
Hi-Z
0
Bit 6
STOP_Mode
DIF_Stop# drive mode
RW
driven
Hi-Z
0
Bit 5
Reserved
Reserved
RW
X
Bit 4
Reserved
Reserved
RW
X
Bit 3
Reserved
Reserved
RW
X
Bit 2
PLL_BW#
Select PLL BW
RW
High BW
Low BW
1
Bit 1
BYPASS#
BYPASS#/PLL
RW
fan-out
ZDB
1
Bit 0
SRC_DIV#
SRC Divide by 2 Select
RW
x/2
1x
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
DIF_7
Output Enable
RW
Disable
Enable
1
Bit 6
DIF_6
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_5
Output Enable
RW
Disable
Enable
1
Bit 4
DIF_4
Output Enable
RW
Disable
Enable
1
Bit 3
DIF_3
Output Enable
RW
Disable
Enable
1
Bit 2
DIF_2
Output Enable
RW
Disable
Enable
1
Bit 1
DIF_1
Output Enable
RW
Disable
Enable
1
Bit 0
DIF_0
Output Enable
RW
Disable
Enable
1
SMBus Table: OE Pin Control Register Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
DIF_7
DIF_7 Stoppable with DIFSTOP
RW
Free-run
Stoppable
0
Bit 6
DIF_6
DIF_6 Stoppable with DIFSTOP
RW
Free-run
Stoppable
0
Bit 5
DIF_5
DIF_5 Stoppable with DIFSTOP
RW
Free-run
Stoppable
0
Bit 4
DIF_4
DIF_4 Stoppable with DIFSTOP
RW
Free-run
Stoppable
0
Bit 3
DIF_3
DIF_3 Stoppable with DIFSTOP
RW
Free-run
Stoppable
0
Bit 2
DIF_2
DIF_2 Stoppable with DIFSTOP
RW
Free-run
Stoppable
0
Bit 1
DIF_1
DIF_1 Stoppable with DIFSTOP
RW
Free-run
Stoppable
0
Bit 0
DIF_0
DIF_0 Stoppable with DIFSTOP
RW
Free-run
Stoppable
0
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
RW
X
Bit 6
RW
X
Bit 5
RW
X
Bit 4
RW
X
Bit 3
RW
X
Bit 2
RW
X
Bit 1
RW
X
Bit 0
RW
X
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Byte 2
Reserved
Reserved
Byte 3
Reserved
-
-
-
Reserved
-
Byte 0
-
-
Byte 1
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com