Electronic Components Datasheet Search
  English  ▼

X  

9DB803DFILF Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 9DB803DFILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DFILF Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 9DB803DFILF Datasheet HTML 13Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 14Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 15Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 16Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 17Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 18Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 19Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 20Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
17
ICS9DB803D
REV N 071013
SRC_STOP#
The SRC_STOP# signal is an active-low asynchronous input that cleanly stops and starts the DIF outputs. A valid clock must
be present on SRC_IN for this input to work properly. The SRC_STOP# signal is de-bounced and must remain stable for two
consecutive rising edges of DIF# to be recognized as a valid assertion or de-assertion.
SRC_STOP# - Assertion
Asserting SRC_STOP# causes all DIF outputs to stop after their next transition (if the control register settings allow the
output to stop). When the SRC_STOP# drive bit is ‘0’, the final state of all stopped DIF outputs is DIF = High and DIF# =
Low. There is no change in output drive current. DIF is driven with 6xIREF. DIF# is not driven, but pulled low by the
termination. When the SRC_STOP# drive bit is ‘1’, the final state of all DIF output pins is Low. Both DIF and DIF# are not
driven.
SRC_STOP# - De-assertion (transition from '0' to '1')
All stopped differential outputs resume normal operation in a glitch-free manner. The de-assertion latency to active outputs
is 2-6 DIF clock periods, with all DIF outputs resuming simultaneously. If the SRC_STOP# drive control bit is ‘1’ (tri-state),
all stopped DIF outputs must be driven High (>200 mV) within 10 ns of de-assertion.
SRC_STOP_1 (SRC_Stop = Driven, PD = Driven)
SRC_STOP_2 (SRC_Stop =Tristate, PD = Driven)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com