Electronic Components Datasheet Search
  English  ▼

X  

9DB803DFILF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 9DB803DFILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DFILF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 9DB803DFILF Datasheet HTML 6Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 7Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 8Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 9Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 10Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 11Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 12Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 13Page - Renesas Technology Corp 9DB803DFILF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
10
ICS9DB803D
REV N 071013
Clock Periods–Differential Outputs with Spread Spectrum Enabled
Clock Periods–Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
DIF 100
9.87400
9.99900
9.99900
10.00000
10.00100
10.05130
10.17630
ns
1,2,3
DIF 133
7.41425
7.49925
7.49925
7.50000
7.50075
7.53845
7.62345
ns
1,2,4
DIF 166
5.91440
5.99940
5.99940
6.00000
6.00060
6.03076
6.11576
ns
1,2,4
DIF 200
4.91450
4.99950
4.99950
5.00000
5.00050
5.02563
5.11063
ns
1,2,4
DIF 266
3.66463
3.74963
3.74963
3.75000
3.75038
3.76922
3.85422
ns
1,2,4
DIF 333
2.91470
2.99970
2.99970
3.00000
3.00030
3.01538
3.10038
ns
1,2,4
DIF 400
2.41475
2.49975
2.49975
2.50000
2.50025
2.51282
2.59782
ns
1,2,4
Notes
Definition
Units
Measurement
Window
Symbol
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
DIF 100
9.87400
9.99900
10.00000
10.00100
10.17630
ns
1,2,3
DIF 133
7.41425
7.49925
7.50000
7.50075
7.62345
ns
1,2,4
DIF 166
5.91440
5.99940
6.00000
6.00060
6.11576
ns
1,2,4
DIF 200
4.91450
4.99950
5.00000
5.00050
5.11063
ns
1,2,4
DIF 266
3.66463
3.74963
3.75000
3.75038
3.85422
ns
1,2,4
DIF 333
2.91470
2.99970
3.00000
3.00030
3.10038
ns
1,2,4
DIF 400
2.41475
2.49975
2.50000
2.50025
2.59782
ns
1,2,4
1Guaranteed by design and characterization, not 100% tested in production.
3 Driven by SRC output of main clock, PLL or Bypass mode
4 Driven by CPU output of CK410/CK505 main clock, Bypass mode only
2 All Long Term Accuracy specifications are guaranteed with the assumption that the input clock complies with
CK409/CK410/CK505 accuracy requirements. The 9DB403/803 itself does not contribute to ppm error.
Notes
Measurement
Window
Units
Symbol
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com