Electronic Components Datasheet Search
  English  ▼

X  

AD9397 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9397
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397 Datasheet(HTML) 4 Page - Analog Devices

  AD9397 Datasheet HTML 1Page - Analog Devices AD9397 Datasheet HTML 2Page - Analog Devices AD9397 Datasheet HTML 3Page - Analog Devices AD9397 Datasheet HTML 4Page - Analog Devices AD9397 Datasheet HTML 5Page - Analog Devices AD9397 Datasheet HTML 6Page - Analog Devices AD9397 Datasheet HTML 7Page - Analog Devices AD9397 Datasheet HTML 8Page - Analog Devices AD9397 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD9397
Rev. 0 | Page 4 of 28
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
VDD = VD = 3.3 V, DVDD = PVDD = 1.8 V, ADC clock = maximum.
Table 2.
Test
AD9397KSTZ-100
AD9397KSTZ-150
Parameter
Level
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bit
DC DIGITAL I/O SPECIFICATIONS
High Level Input Voltage, (VIH)
VI
2.5
2.5
V
Low Level Input Voltage, (VIL)
VI
0.8
0.8
V
High Level Output Voltage, (VOH)
VI
VDD − 0.1
V
Low Level Output Voltage, (VOL)
VI
VDD − 0.1
0.1
0.1
V
DC SPECIFICATIONS
Output High Level
IV
Output drive = high
36
36
mA
IOHD, (VOUT = VOH)
IV
Output drive = low
24
24
mA
Output Low Level
IV
Output drive = high
12
12
mA
IOLD, (VOUT = VOL)
IV
Output drive = low
8
8
mA
DATACK High Level
IV
Output drive = high
40
40
mA
VOHC, (VOUT = VOH)
IV
Output drive = low
20
20
mA
DATACK Low Level
IV
Output drive = high
30
30
mA
VOLC, (VOUT = VOL)
IV
Output drive = low
15
15
mA
Differential Input Voltage, Single-Ended
Amplitude
IV
75
700
75
700
mV
POWER SUPPLY
VD Supply Voltage
IV
3.15
3.3
3.47
3.15
3.3
3.47
V
VDD Supply Voltage
IV
1.7
3.3
347
1.7
3.3
347
V
DVDD Supply Voltage
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
PVDD Supply Voltage
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
IVD Supply Current (Typical Pattern)1
V
80
100
80
110
mA
IVDD Supply Current (Typical Pattern)2
V
40
1003
55
1753
mA
IDVDD Supply Current (Typical Pattern)1, 4
V
88
110
110
145
mA
IPVDD Supply Current (Typical Pattern)1
V
26
35
30
40
mA
Power-Down Supply Current (IPD)
VI
130
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com