Electronic Components Datasheet Search
  English  ▼

X  

AD9397 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9397
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9397 Datasheet HTML 14Page - Analog Devices AD9397 Datasheet HTML 15Page - Analog Devices AD9397 Datasheet HTML 16Page - Analog Devices AD9397 Datasheet HTML 17Page - Analog Devices AD9397 Datasheet HTML 18Page - Analog Devices AD9397 Datasheet HTML 19Page - Analog Devices AD9397 Datasheet HTML 20Page - Analog Devices AD9397 Datasheet HTML 21Page - Analog Devices AD9397 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD9397
Rev. 0 | Page 18 of 28
2-WIRE SERIAL CONTROL REGISTER DETAILS
CHIP IDENTIFICATION
0x00—Bit[7:0] Chip Revision
An 8-bit value that reflects the current chip revision.
0x11—Bit[7] HSYNC Source
0 = HSYNC, 1 = SOG. The power-up default is 0. These
selections are ignored if Register 0x11, Bit 6 = 0.
0x11—Bit[6] HSYNC Source Override
0 = auto HSYNC source, 1 = manual HSYNC source. Manual
HSYNC source is defined in Register 0x11, Bit 7. The power-up
default is 0.
0x11—Bit[5] VSYNC Source
0 = VSYNC, 1 = VSYNC from SOG. The power-up default is 0.
These selections are ignored if Register 0x11, Bit 4 = 0.
0x11—Bit[4] VSYNC Source Override
0 = auto VSYNC source, 1 = manual VSYNC source. Manual
VSYNC source is defined in Register 0x11, Bit 5. The power-up
default is 0.
0x11—Bit[3] Channel Select
0 = Channel 0, 1 = Channel 1. The power-up default is 0. These
selections are ignored if Register 0x11, Bit 2 = 0.
0x11—Bit[2] Channel Select Override
0 = auto channel select, 1 = manual channel select. Manual
channel select is defined in Register 0x11, Bit 3. The power-up
default is 0.
0x11—Bit[1] Interface Select
0 = analog interface, 1 = digital interface. The power-up default
is 0. These selections are ignored if Register 0x11, Bit 0 = 0.
0x11—Bit[0] Interface Select Override
0 = auto interface select, 1 = manual interface select. Manual
interface select is defined in Register 0x11, Bit 1. The power-up
default is 0.
0x12—Bit[7] Input HSYNC Polarity
0 = active low, 1 = active high. The power-up default is 1. These
selections are ignored if Register 10x2, Bit 6 = 0.
0x12—Bit[6] HSYNC Polarity Override
0 = auto HSYNC polarity, 1 = manual HSYNC polarity. Manual
HSYNC polarity is defined in Register 0x11, Bit 7. The power-
up default is 0.
0x12—Bit[5] Input VSYNC Polarity
0 = active low, 1 = active high. The power-up default is 1. These
selections are ignored if Register 0x11, Bit 4 = 0.
0x12—Bit[4] VSYNC Polarity Override
0 = auto VSYNC polarity, 1 = manual VSYNC polarity. Manual
VSYNC polarity is defined in Register 0x11, Bit 5. The power-
up default is 0.
0x17—Bits[3:0] HSYNCs per VSYNC MSBs
The 4 MSBs of the 12-bit counter that reports the number of
HSYNCs/VSYNC on the active input. This is useful in
determining the mode and aids in setting the PLL divide ratio.
0x18—Bit[7:0] HSYNCs per VSYNC LSBs
The 8 LSBs of the 12-bit counter that reports the number of
HSYNCs/VSYNC on the active input.
0x21—Bit[5] VSYNC Filter Enable
The purpose of the VSYNC filter is to guarantee the position of
the VSYNC edge with respect to the HSYNC edge and to
generate a field signal. The filter works by examining the
placement of VSYNC and regenerating a correctly placed
VSYNC one line later. The VSYNC is first checked to see
whether it occurs in the Field 0 position or the Field 1 position.
This is done by checking the leading edge position against the
sync separator threshold and the HSYNC position. The HSYNC
width is divided into four quadrants with Quadrant 1 starting at
the HSYNC leading edge plus a sync separator threshold. If the
VSYNC leading edge occurs in Quadrant 1 or Quadrant 4, the
field is set to 0 and the output VSYNC is placed coincident with
the HSYNC leading edge. If the VSYNC leading edge occurs in
Quadrant 2 or Quadrant 3, the field is set to 1 and the output
VSYNC leading edge is placed in the center of the line. In this
way, the VSYNC filter creates a predictable relative position
between HSYNC and VSYNC edges at the output.
If the VSYNC occurs near the HSYNC edge, this guarantees
that the VSYNC edge follows the HSYNC edge. This performs
filtering also in that it requires a minimum of 64 lines between
VSYNCs. The VSYNC filter cleans up extraneous pulses that
might occur on the VSYNC. This should be enabled whenever
the HSYNC/VSYNC count is used. Setting this bit to 0 disables
the VSYNC filter. Setting this bit to 1 enables the VSYNC filter.
Power-up default is 0.
0x21—Bit[4] VSYNC Duration Enable
This enables the VSYNC duration block which is designed to
be used with the VSYNC filter. Setting the bit to 0 leaves the
VSYNC output duration unchanged; setting the bit to 1 sets the
VSYNC output duration based on Register 0x22. The power-up
default is 0.
0x22—Bits[7:0] VSYNC Duration
This is used to set the output duration of the VSYNC, and is
designed to be used with the VSYNC filter. This is valid only if
Register 0x21, Bit 4 is set to 1. Power-up default is 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com