Electronic Components Datasheet Search
  English  ▼

X  

AD9397 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9397
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9397 Datasheet HTML 13Page - Analog Devices AD9397 Datasheet HTML 14Page - Analog Devices AD9397 Datasheet HTML 15Page - Analog Devices AD9397 Datasheet HTML 16Page - Analog Devices AD9397 Datasheet HTML 17Page - Analog Devices AD9397 Datasheet HTML 18Page - Analog Devices AD9397 Datasheet HTML 19Page - Analog Devices AD9397 Datasheet HTML 20Page - Analog Devices AD9397 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD9397
Rev. 0 | Page 17 of 28
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
0x49
Read/Write
[4:0]
***01110
CSC_Coeff_C3 MSB
MSB, Register 0x4A.
0x4A
Read/Write
[7:0]
10000111
CSC_Coeff_C3 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
B
B
OUT
= (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x4B
Read/Write
[4:0]
***11000
CSC_Coeff_C4 MSB
MSB, Register 0x4C.
0x4C
Read/Write
[7:0]
10111101
CSC_Coeff_C4 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
B
B
OUT
= (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x50
Read/Write
[7:0]
00100000
Test
Must be written to 0x20 for proper operation.
0x56
Read/Write
[7:0]
00001111
Test
Must be written to default of 0x0F for proper operation.
0x59
Read/Write
[6]
MDA/MCL PU
This disables the MDA/MCL pull-ups.
[5]
CLK Term O/R
Clock termination power-down override: 0 = auto, 1 = manual.
[4]
Manual CLK Term
Clock termination: 0 = normal, 1 = disconnected.
[0]
MDA/MCL Three-
State
This bit three-states the MDA/MCL lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com