Electronic Components Datasheet Search
  English  ▼

X  

AD9397 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9397
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9397 Datasheet HTML 8Page - Analog Devices AD9397 Datasheet HTML 9Page - Analog Devices AD9397 Datasheet HTML 10Page - Analog Devices AD9397 Datasheet HTML 11Page - Analog Devices AD9397 Datasheet HTML 12Page - Analog Devices AD9397 Datasheet HTML 13Page - Analog Devices AD9397 Datasheet HTML 14Page - Analog Devices AD9397 Datasheet HTML 15Page - Analog Devices AD9397 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD9397
Rev. 0 | Page 12 of 28
4:4:4 TO 4:2:2 FILTER
The AD9397 contains a filter that allows it to convert a signal
from YCrCb 4:4:4 to YCrCb 4:2:2 while maintaining the
maximum accuracy and fidelity of the original signal.
Input Color Space to Output Color Space
The AD9397 can support a wide variety of output formats,
such as:
•
RGB 24-bit
•
4:4:4 YCrCb 8-bit
•
4:2:2 YCrCb 8-bit, 10-bit, and 12-bit
•
Dual 4:2:2 YCrCb 8-bit
Color Space Conversion (CSC) Matrix
The CSC matrix in the AD9397 consists of three identical
processing channels. In each channel, three input values are
multiplied by three separate coefficients. Also included are an
offset value for each row of the matrix and a scaling multiple
for all values. Each value has a 13-bit, twos complement
resolution to ensure the signal integrity is maintained. The
CSC is designed to run at speeds up to 150 MHz supporting
resolutions up to 1080p at 60 Hz. With any-to-any color space
support, formats such as RGB, YUV, YCbCr, and others are
supported by the CSC.
The main inputs, RIN, GIN, and BIN, come from the 8-bit to 12-bit
inputs from each channel. These inputs are based on the input
format detailed in Table 9. The mapping of these inputs to the
CSC inputs is shown in Table 8.
Table 8. CSC Port Mapping
Input Channel
CSC Input Channel
R/CR
RIN
Gr/Y
GIN
B/CB
B
B
IN
One of the three channels is represented in Figure 6. In each
processing channel, the three inputs are multiplied by three
separate coefficients marked a1, a2, and a3. These coefficients
are divided by 4096 to obtain nominal values ranging from
–0.9998 to +0.9998. The variable labeled a4 is used as an offset
control. The CSC_Mode setting is the same for all three
processing channels. This multiplies all coefficients and offsets
by a factor of 2CSC_Mode.
The functional diagram for a single channel of the CSC, as
shown in Figure 6, is repeated for the remaining G and B
channels. The coefficients for these channels are b1, b2, b3, b4,
c1, c2, c3, and c4.
×2
2
1
0
×
×
×
a1[12:0]
a2[12:0]
a3[12:0]
RIN [11:0]
GIN [11:0]
BIN [11:0]
+
×4
CSC_Mode[1:0]
a4[12:0]
ROUT [11:0]
+
1
4096
×
1
4096
×
1
4096
×
+
Figure 6. Single CSC Channel
A programming example and register settings for several
common conversions are listed in the Color Space Converter
(CSC) Common Settings section.
For a detailed functional description and more programming
examples, refer to the Application Note AN-795, AD9880 Color
Space Converter User's Guide.
OUTPUT DATA FORMATS
The AD9398 supports 4:4:4, 4:2:2, double data-rate (DDR), and
BT656 output formats. Register 0x25[3:0] controls the output
mode. These modes and the pin mapping are illustrated in
Table 8.
Table 9.
Port
Red
Green
Blue
Bit
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
4:4:4
Red/Cr [7:0]
Green/Y [7:0]
Blue/Cb [7:0]
4:2:2
CbCr [7:0]
Y [7:0]
DDR 4:2:2 ↑ CbCr ↓ Y, Y
DDR ↑ 1 G [3:0]
DDR ↑ B [7:4]
DDR ↑ B [3:0]
DDR 4:2:2 ↑ CbCr [11:0]
4:4:4 DDR
DDR ↓ R [7:0]
DDR ↓ G [7:4]
DDR 4:2:2 ↓ Y,Y [11:0]
4:2:2 to 12
CbCr[11:0]
Y [11:0]
1 Arrows in the table indicate clock edge. Rising edge of clock =
↑, falling edge = ↓.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com