Electronic Components Datasheet Search
  English  ▼

X  

AD9397 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9397
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9397 Datasheet HTML 20Page - Analog Devices AD9397 Datasheet HTML 21Page - Analog Devices AD9397 Datasheet HTML 22Page - Analog Devices AD9397 Datasheet HTML 23Page - Analog Devices AD9397 Datasheet HTML 24Page - Analog Devices AD9397 Datasheet HTML 25Page - Analog Devices AD9397 Datasheet HTML 26Page - Analog Devices AD9397 Datasheet HTML 27Page - Analog Devices AD9397 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD9397
Rev. 0 | Page 25 of 28
PCB LAYOUT RECOMMENDATIONS
The AD9397 is a high precision, high speed digital device. To
achieve the maximum performance from the part, it is impor-
tant to have a well laid-out board. The following is a guide for
designing a board using the AD9397.
POWER SUPPLY BYPASSING
It is recommended to bypass each power supply pin with a
0.1 μF capacitor. The exception is in the case where two or more
supply pins are adjacent to each other. For these groupings of
powers/grounds, it is only necessary to have one bypass
capacitor. The fundamental idea is to have a bypass capacitor
within about 0.5 cm of each power pin. Also, avoid placing the
capacitor on the opposite side of the PC board from the
AD9397, because that interposes resistive vias in the path.
The bypass capacitors should be physically located between the
power plane and the power pin. Current should flow from the
power plane to the capacitor to the power pin. Do not make the
power connection between the capacitor and the power pin.
Placing a via underneath the capacitor pads down to the power
plane is generally the best approach.
It is particularly important to maintain low noise and good
stability of PVDD (the clock generator supply). Abrupt changes
in PVDD can result in similarly abrupt changes in sampling clock
phase and frequency. This can be avoided by careful attention to
regulation, filtering, and bypassing. It is highly desirable to
provide separate regulated supplies for each of the analog
circuitry groups (VD and PVDD).
Some graphic controllers use substantially different levels of
power when active (during active picture time) and when idle
(during HSYNC and VSYNC periods). This can result in a
measurable change in the voltage supplied to the analog supply
regulator, which can in turn produce changes in the regulated
analog supply voltage. This can be mitigated by regulating the
analog supply, or at least PVDD, from a different, cleaner power
source (for example, from a 12 V supply).
It is recommended to use a single ground plane for the entire
board. Experience has repeatedly shown that the noise perfor-
mance is the same or better with a single ground plane. Using
multiple ground planes can be detrimental because each sepa-
rate ground plane is smaller and long ground loops can result.
In some cases, using separate ground planes is unavoidable,
so it is recommend to place a single ground plane under the
AD9397. The location of the split should be at the receiver of
the digital outputs. In this case, it is even more important to
place components wisely because the current loops are much
longer (current takes the path of least resistance). An example
of a current loop is: power plane to AD9397 to digital output
trace to digital data receiver to digital ground plane.
OUTPUTS (BOTH DATA AND CLOCKS)
Try to minimize the trace length that the digital outputs have
to drive. Longer traces have higher capacitance, which require
more current that causes more internal digital noise.
Shorter traces reduce the possibility of reflections.
Adding a 50 Ω to 200 Ω series resistor can suppress reflections,
reduce EMI, and reduce the current spikes inside the AD9397.
If series resistors are used, place them as close as possible to the
AD9397 pins (although try not to add vias or extra length to the
output trace to move the resistors closer).
If possible, limit the capacitance that each of the digital outputs
drives to less than 10 pF. This can be accomplished easily by
keeping traces short and by connecting the outputs to only one
device. Loading the outputs with excessive capacitance increases
the current transients inside of the AD9397 and creates more
digital noise on its power supplies.
DIGITAL INPUTS
The digital inputs on the AD9397 were designed to work with
3.3 V signals, but are tolerant of 5.0 V signals. Therefore, no
extra components need to be added if using 5.0 V logic.
Any noise that enters the HSYNC input trace can add jitter to
the system. Therefore, minimize the trace length and do not run
any digital or other high frequency traces near it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com