Electronic Components Datasheet Search
  English  ▼

X  

ADV212 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV212
Description  JPEG 2000 Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 4 Page - Analog Devices

  ADV212 Datasheet HTML 1Page - Analog Devices ADV212 Datasheet HTML 2Page - Analog Devices ADV212 Datasheet HTML 3Page - Analog Devices ADV212 Datasheet HTML 4Page - Analog Devices ADV212 Datasheet HTML 5Page - Analog Devices ADV212 Datasheet HTML 6Page - Analog Devices ADV212 Datasheet HTML 7Page - Analog Devices ADV212 Datasheet HTML 8Page - Analog Devices ADV212 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADV212
Rev. 0 | Page 4 of 44
SPECIFICATONS
Specifications apply to IOVDD = 2.5 V or 3.3 V over operating temperature range, unless otherwise specified.
SUPPLY VOLTAGES AND CURRENT
Table 1.
Parameter
Mnemonic
Min
Typ
Max
Unit
DC Supply Voltage, Core
VDD
1.425
1.5
1.575
V
DC Supply Voltage, Input/Output
IOVDD
2.375
2.5
2.625
V
DC Supply Voltage, Input/Output
IOVDD
3.135
3.3
3.465
V
Input Range
VIN
−0.3
VDDI/O + 0.3
V
Operating Ambient Temperature Range in Free Air
T
−40
+25
+85
°C
Static Current1
IDD
15
30
mA
Dynamic Current, Core (JCLK Frequency = 150 MHz)2
380
440
mA
Dynamic Current, Core (JCLK Frequency = 108 MHz)
280
320
mA
Dynamic Current, Core (JCLK Frequency = 81 MHz)
210
290
mA
Dynamic Current, Input/Output
40
50
mA
1 No clock or input/output activity.
2 ADV212-150 only.
INPUT/OUTPUT SPECIFICATIONS
Table 2.
Parameter
Mnemonic
Min
Typ
Max
Unit
Test Conditions
High Level Input Voltage
VIH (3.3 V)
2.2
V
VDD = maximum
High Level Input Voltage
VIH (2.5 V)
1.9
V
VDD = maximum
Low Level Input Voltage
VIL (3.3 V, 2.5 V)
0.6
V
VDD = minimum
High Level Output Voltage
VOH (3.3 V)
2.4
V
VDD = minimum, IOH = −0.5 mA
High Level Output Voltage
VOH (2.5 V)
2.0
V
VDD = minimum, IOH = −0.5 mA
Low Level Output Voltage
VOL (3.3 V, 2.5 V)
0.4
V
VDD = minimum, IOL = +2 mA
High Level Input Current
IIH
1.0
μA
VDD = maximum, VIN = VDD
Low Level Input Current
IIL
1.0
μA
VDD = maximum, VIN = 0 V
High Level Three-State Leakage Current
IOZH
1.0
μA
VDD = maximum, VIN = VDD
Low Level Three-State Leakage Current
IOZL
1.0
μA
VDD = maximum, VIN = 0V
Input Pin Capacitance
CI
8
pF
Output Pin Capacitance
CO
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com