Electronic Components Datasheet Search
  English  ▼

X  

ADV212 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV212
Description  JPEG 2000 Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV212 Datasheet HTML 17Page - Analog Devices ADV212 Datasheet HTML 18Page - Analog Devices ADV212 Datasheet HTML 19Page - Analog Devices ADV212 Datasheet HTML 20Page - Analog Devices ADV212 Datasheet HTML 21Page - Analog Devices ADV212 Datasheet HTML 22Page - Analog Devices ADV212 Datasheet HTML 23Page - Analog Devices ADV212 Datasheet HTML 24Page - Analog Devices ADV212 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ADV212
Rev. 0 | Page 21 of 44
Table 16. Pin Function Descriptions
121-Ball Package
144-Ball Package
Pin No.
Location
Pin No.
Location
Mnemonic
Pins
Used
Type
Description
119
L9
132
L12
MCLK
1
I
System Input Clock. See the PLL section.
117
L7
131
L11
RESET
1
I
Reset. Causes the ADV212 to immediately reset.
CS, RD, WE, DACK0, DACK1, DREQ0, and DREQ1
must be held high when a RESET is applied.
37 to 34,
27 to 25,
16, 15, 24,
14 to 12,
2, 6, 5
D4 to D1,
C5 to C3,
B5, B4, C2,
B3 to B1,
A2, A6, A5
64, 49 to 51,
37 to 39, 25
to 27, 13 to
15, 2 to 4
F4, E1 to E3,
D1 to D3,
C1 to C3,
B1 to B3,
A2 to A4
HDATA
[15:0]
16
I/O
Host Data Bus. With HDATA [23:16],
HDATA [27:24], and HDATA [31:28], these pins
make up the 32-bit wide host data bus. The
async host interface is interfaced together
with ADDR[3:0], CS, WE, RD, and ACK.
Unused HDATA pins should be pulled down
via a 10 kΩ resistor.
88, 107,
87, 97
H11, K8,
H10, J9
108 to 106,
96
J12, J11,
J10, H12
ADDR [3:0]
4
I
Address Bus for the Host Interface.
96
J8
95
H11
CS
1
I
Chip Select. This signal is used to qualify
addressed read and write access to the
ADV212 using the host interface.
95
J7
94
H10
WE1
1
I
Write Enable Used with the Host Interface.
RDFB2
Read Enable When Fly-By DMA Is Enabled.
Simultaneous assertion of WE and DACK low
activates the HDATA bus, even if the DMA
channels are disabled.
86
H9
84
G12
RD1
1
I
Read Enable Used with the Host Interface.
WEFB3
Write Enable When Fly-By DMA Is Enabled.
Simultaneous assertion of RD and DACK low
activates the HDATA bus, even if the DMA
channels are disabled.
85
H8
83
G11
ACK
1
O
Acknowledge. Used for direct register accesses.
This signal indicates that the last register access
was successful. Due to synchronization issues,
control and status register accesses might incur
an additional delay; therefore, the host software
should wait for acknowledgment from the
ADV212 before attempting another register
access.
Accesses to the FIFOs (external DMA modes),
on the other hand, are guaranteed to occur
immediately, provided that space is available;
therefore, the host software does not need to
wait for ACK before attempting another register
access, provided that the timing constraints
are observed.
If ACK is shared with more than one device, ACK
should be connected to a pull-up resistor (10 kΩ)
and the PLL_HI register, Bit 4, must be set to 1.
76
G10
82
G10
IRQ
1
O
Interrupt. This pin indicates that the ADV212
requires the attention of the host processor.
This pin can be programmed to indicate the
status of the internal interrupt conditions
within the ADV212. The interrupt sources are
enabled via the bits in register EIRQIE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com