Electronic Components Datasheet Search
  English  ▼

X  

ADV212 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV212
Description  JPEG 2000 Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV212 Datasheet HTML 9Page - Analog Devices ADV212 Datasheet HTML 10Page - Analog Devices ADV212 Datasheet HTML 11Page - Analog Devices ADV212 Datasheet HTML 12Page - Analog Devices ADV212 Datasheet HTML 13Page - Analog Devices ADV212 Datasheet HTML 14Page - Analog Devices ADV212 Datasheet HTML 15Page - Analog Devices ADV212 Datasheet HTML 16Page - Analog Devices ADV212 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ADV212
Rev. 0 | Page 13 of 44
EXTERNAL DMA MODE—FIFO READ, BURST MODE
Table 9.
Parameter
Mnemonic
Min
Typ
Max
Unit
DREQ Pulse Width1
DREQPULSE
1 JCLK 2
15 JCLK
ns
RD to DREQ Deassert (DR × PULS = 0)
t
DREQRTN
2.5 JCLK
3.5 × JCLK + 7.5
ns
DACK to RD Setup
t
DACKSU
0
ns
RD to Data Valid
tRD
2.5
9.7
ns
Data Hold
tHD
2.5
ns
RD Assert Pulse Width
RDLO
1.5 JCLK
ns
RD Deassert Pulse Width
RDHI
1.5 JCLK
ns
RD Deassert to Next DREQ
t
DREQWAIT
2.5 JCLK
3.5 × JCLK + 7.5
ns
RD Deassert to DACK Deassert
t
RD_DACK
0
ns
1 Applies to assigned DMA channel if EDMOD0 or EDMOD1 <14:11> is programmed to a nonzero value.
2 For a definition of JCLK, see Figure 32.
DREQ
DACK
HDATA
0
1
13
14
15
tDACKSU
tDREQWAIT
tDREQPULSE
tRD
tHD
tRD_DACK
RD
RDLO
RDHI
Figure 16. Burst Read Cycle for DREQ/DACK DMA Mode for Assigned DMA Channel
(EMOD0/EDMOD1 <14:11> Not Programmed to a Value of 0
DREQ
DACK
HDATA
0
1
13
14
15
tDACKSU
tDREQWAIT
tDREQRTN
tRD
tHD
tRD_DACK
RD
RDLO
RDHI
Figure 17. Burst Read Cycle for DREQ/DACK DMA Mode for Assigned DMA Channel
(EMOD0/EDMOD1 <14:11> Programmed to a Value of 0000)
DREQ
DACK
RDFB
tDACKSU
tHD
tDREQWAIT
HDATA
0
1
13
14
15
tRD
tDREQRTN
tRD_DACK
Figure 18. Burst Read Cycle for Fly-By DMA Mode
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com