Electronic Components Datasheet Search
  English  ▼

X  

ADV212 Datasheet(PDF) 19 Page - Analog Devices

Part # ADV212
Description  JPEG 2000 Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV212 Datasheet HTML 15Page - Analog Devices ADV212 Datasheet HTML 16Page - Analog Devices ADV212 Datasheet HTML 17Page - Analog Devices ADV212 Datasheet HTML 18Page - Analog Devices ADV212 Datasheet HTML 19Page - Analog Devices ADV212 Datasheet HTML 20Page - Analog Devices ADV212 Datasheet HTML 21Page - Analog Devices ADV212 Datasheet HTML 22Page - Analog Devices ADV212 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
ADV212
Rev. 0 | Page 19 of 44
ABSOLUTE MAXIMUM RATINGS
Table 14.
Parameter
Rating
VDD − Supply Voltage, Core
−0.3 V to +1.65 V
IOVDD − Supply Voltage,
Input/Output
−0.3 V to 3.63 V
Storage Temperature [TS]
−65°C to +150°C
Reflow Soldering
Pb-Free, 121-Ball
260°C [20 sec to 40 sec]
Pb-Free, 144-Ball
260°C [20 sec to 40 sec]
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 15. Thermal Resistance
Package Type
θJA
θJC
Unit
144-Ball ADV212BBCZ
22.5
3.8
°C/W
121-Ball ADV212BBCZ
32.8
7.92
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com