Electronic Components Datasheet Search
  English  ▼

X  

MPC8347E Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC8347E
Description  Integrated Host Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347E Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8347E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347E Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
67
GPIO1[5]/DMA_DDONE1/
GTM1_TOUT2/
GTM2_TOUT1
B24
I/O
OVDD
GPIO1[6]/DMA_DREQ2/
GTM1_TIN3/
GTM2_TIN4
A24
I/O
OVDD
GPIO1[7]/DMA_DACK2/
GTM1_TGATE3/
GTM2_TGATE4
D23
I/O
OVDD
GPIO1[8]/DMA_DDONE2/
GTM1_TOUT3
B23
I/O
OVDD
GPIO1[9]/DMA_DREQ3/
GTM1_TIN4/
GTM2_TIN3
A23
I/O
OVDD
GPIO1[10]/DMA_DACK3/
GTM1_TGATE4/
GTM2_TGATE3
F22
I/O
OVDD
GPIO1[11]/DMA_DDONE3/
GTM1_TOUT4/
GTM2_TOUT3
E22
I/O
OVDD
USB Port 1
MPH1_D0_ENABLEN/DR_D0_ENABLEN A26
I/O
OVDD
MPH1_D1_SER_TXD/DR_D1_SER_TXD
B26
I/O
OVDD
MPH1_D2_VMO_SE0/DR_D2_VMO_SE0 D25
I/O
OVDD
MPH1_D3_SPEED/DR_D3_SPEED
A27
I/O
OVDD
MPH1_D4_DP/DR_D4_DP
B27
I/O
OVDD
MPH1_D5_DM/DR_D5_DM
C27
I/O
OVDD
MPH1_D6_SER_RCV/DR_D6_SER_RCV D26
I/O
OVDD
MPH1_D7_DRVVBUS/DR_D7_DRVVBUS E26
I/O
OVDD
MPH1_NXT/DR_SESS_VLD_NXT
D27
I
OVDD
MPH1_DIR_DPPULLUP/
DR_XCVR_SEL_DPPULLUP
A28
I/O
OVDD
MPH1_STP_SUSPEND/
DR_STP_SUSPEND
F26
O
OVDD
MPH1_PWRFAULT/
DR_RX_ERROR_PWRFAULT
E27
I
OVDD
MPH1_PCTL0/DR_TX_VALID_PCTL0
A29
O
OVDD
MPH1_PCTL1/DR_TX_VALIDH_PCTL1
D28
O
OVDD
Table 54. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com