Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 26 Page - Catalyst Semiconductor

Part # CAT809
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 26 Page - Catalyst Semiconductor

Back Button CAT809 Datasheet HTML 20Page - Catalyst Semiconductor CAT809 Datasheet HTML 21Page - Catalyst Semiconductor CAT809 Datasheet HTML 22Page - Catalyst Semiconductor CAT809 Datasheet HTML 23Page - Catalyst Semiconductor CAT809 Datasheet HTML 24Page - Catalyst Semiconductor CAT809 Datasheet HTML 25Page - Catalyst Semiconductor CAT809 Datasheet HTML 26Page - Catalyst Semiconductor CAT809 Datasheet HTML 27Page - Catalyst Semiconductor CAT809 Datasheet HTML 28Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
24
ALO
GENFR
TM
LEAD FREE
p a c k a g e / o r d e r i n f o r m a t i o n
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.
PACKAGE INFORMATION
Package
Description
Package Codes
Nunber of Leads/Pads
Std “Green“
“Green”
Ni Pd Au
3
4
5
6
8 14 16 18 20 22 24 28 32 40 44
CERDIP
Ceramic DIP 600mils
C
MSOP
MSOP (3.0mm)
R
Z
GZ
PLCC
PLCC
N
G
GG
PDIP
PDIP 300 mils
P
L
GL
PDIP 600 mils
P
L
GL
SC-70
SB
SD
GSD
SOIC
SOIC 150 mils
S,J
V,W
GV,GW
SOIC 300 mils
S,J
V,W
GV,GW
SOIC 208 mils
K
X
GX
SOIC 300 mils,ext leads
K
X
GX
SOT-23
TP
TB
GTB
SOT-223
TA
TG
GTG
TSOT-23
TS
TD
GTD
SOT-143
TP
TB
GTB
SSOP
SSOP
SS
SV
TO-92
TO-92
TN
TL
GTL
TSOP
TSOP (8x13.4mm)
T13
H13
G13
TSOP (10x14mm)
T14
H14
G14
TSOP (8x20mm)
T
H
GH
TSSOP
TSSOP (4.4mm)
U
Y
GY
TDFN-S-MSOP (3X4.9mm) RD2
ZD2
GD2
TDFN (3X3mm)
RD4
ZD4
GD4
TDFN-S-SOIC (6X4.9mm)
RD6
ZD6
GD6
TDFN (2X2.5mm)
RD7
ZD7
GD7
TDFN (4X4mm)
RD8
ZD8
GD8
TDFN-S-TSSOP (3x6.4mm) RD9
ZD9
GD9
TDFN (2X3mm)
SP2
VP2
GP2
TQFN (4X4mm)
HS4
HV4
GV4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com