Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 16 Page - Catalyst Semiconductor

Part # CAT809
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 16 Page - Catalyst Semiconductor

Back Button CAT809 Datasheet HTML 12Page - Catalyst Semiconductor CAT809 Datasheet HTML 13Page - Catalyst Semiconductor CAT809 Datasheet HTML 14Page - Catalyst Semiconductor CAT809 Datasheet HTML 15Page - Catalyst Semiconductor CAT809 Datasheet HTML 16Page - Catalyst Semiconductor CAT809 Datasheet HTML 17Page - Catalyst Semiconductor CAT809 Datasheet HTML 18Page - Catalyst Semiconductor CAT809 Datasheet HTML 19Page - Catalyst Semiconductor CAT809 Datasheet HTML 20Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
14
ALO
GENFR
TM
LEAD FREE
Featured Products
CAT512O / CAT5121 / CAT5122
16-Tap MiniPot™ Digitally Programmable Potentiometers
with Increment/Decrement Interface
d i g i t a l l y p r o g r a m m a b l e p o t e n t i o m e t e r s
CAT5259
256-Tap Quad Digitally Programmable Potentiometer
Features
■
four linear taper digitally programmable potentiometers
■
end-to-end resistance 50k
Ω or 100kΩ
■
low wiper resistance,typically 100
Ω
■
non-volatile memory storage for up to four wiper settings
for each potentiometer
■
automatic recall of saved wiper settings at power up
■
2.5 V to 6.0 V volt operation
■
standby current less than 5µA
Package Information
■
24-pin SOIC & TSSOP packages
VDD
GND
CS
H
L
W
U/D
UP/DOWN
COUNTER
16-
POSITION
DECODER
R
H0
W0
W2
W3
W1
H1
H2
H3
R
R
R
R
L0
L1
L2
L3
R
R
R
WIPER
CONTROL
REGISTERS
NONVOLATILE
DATA
REGISTERS
2-WIRE BUS
INTERFACE
CONTROL
LOGIC
SCL
SDA
WP
A0
A1
A2
A3
R
R
R
R
Features
■
0.3µA ultra-low supply current
■
2-wire up/down serial interface
■
resistance values:10k
Ω,50kΩ and 100kΩ
■
single-supply operation:2.7 V to 5.5 V
■
glitchless switching between resistor taps
■
power-on reset to midscale
Package Information
■
5- and 6-pin SC70 and SOT23 packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com