Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT809
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT809 Datasheet HTML 6Page - Catalyst Semiconductor CAT809 Datasheet HTML 7Page - Catalyst Semiconductor CAT809 Datasheet HTML 8Page - Catalyst Semiconductor CAT809 Datasheet HTML 9Page - Catalyst Semiconductor CAT809 Datasheet HTML 10Page - Catalyst Semiconductor CAT809 Datasheet HTML 11Page - Catalyst Semiconductor CAT809 Datasheet HTML 12Page - Catalyst Semiconductor CAT809 Datasheet HTML 13Page - Catalyst Semiconductor CAT809 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
8
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
DC-DC CONVERTERs
Part
Number
Operating
Modes
Input
Voltage
Ground
Current
Output
Current
Switching
Frequency
Output
Impedence
Internal
Regulation
Packages (Pin Count)1
DIP
(P,L,GL)
MSOP
(R,Z,GZ)
SOIC
(S,V,GV)
TSOT23
(TS,TD,GTD)
TDFN
(RD8,ZD8,GD8)
(4 x 4 mm)
CAT3200
2xVIN
2.7-4.5V
1.6mA
100mA
2MHz
10
Ω
Yes
8
CAT3200-5
2xVIN
2.7-4.5V
1.6mA
100mA
2MHz
10
Ω
Yes
6
CAT660
2xVIN , -1xVIN 1.5-5.5V 0.3mA 100mA 10/80kHz
4
Ω
No
8
8
8
CAT661
2xVIN , -1xVIN 1.5-5.5V 0.3mA 100mA 25/135kHz
4
Ω
No
8
8
8
APPLICATION LITERATURE / EVALUATION AND DEMONSTRATION BOARDS
Document
Number
Title
AN15
CAT3200DB1 Board Hardware for the CAT3200 DC-DC Converter
AN18
CAT660EVAL1 Evaluation Board for the CAT660 Charge Pump Voltage Converter
PRODUCT LIST
LOW VOLTAGE SHUNT REGULATORs
Part
Number
Reference
Voltage (V)
Reference
Voltage Across Temp2
Initial Accuracy
Packages (Pin Count)1
Min
Max
SOT23
(TP,TB,GTB)
TO-92
(TN,TL,GTL)
CAT102
0.6
0.588
0.612
+1%
5
CAT431L
1.24
1.228
1.252
+0.5%
3,5
3
d c - d c c o n v e r t e r s / s h u n t r e g u l a t o r s
Notes:
1. Available in standard and“green”packages.
2. Operating temp range of -40˚C to +85˚C with junction temperatures from -40˚C to +105˚C.
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com