Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 24 Page - Catalyst Semiconductor

Part # CAT809
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 24 Page - Catalyst Semiconductor

Back Button CAT809 Datasheet HTML 20Page - Catalyst Semiconductor CAT809 Datasheet HTML 21Page - Catalyst Semiconductor CAT809 Datasheet HTML 22Page - Catalyst Semiconductor CAT809 Datasheet HTML 23Page - Catalyst Semiconductor CAT809 Datasheet HTML 24Page - Catalyst Semiconductor CAT809 Datasheet HTML 25Page - Catalyst Semiconductor CAT809 Datasheet HTML 26Page - Catalyst Semiconductor CAT809 Datasheet HTML 27Page - Catalyst Semiconductor CAT809 Datasheet HTML 28Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
22
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
SPI BUS SERIAL EEPROM FAMILY WITH BLOCK WRITE & PAGE WRITE PROTECTION
Part
Number
Temp
Range
Density
(org)
ICC
(Active/
Standby)
Min Voltage/ Max Clock
Frequency
Voltage
Range
Package (Pin Count)1
SOIC
TSSOP
TDFN
CAT25C11
C,I,A,E
1K (128x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,
4.5V/10MHz
1.8 - 6.0V,
2.5 - 6.0V
8
8
8
8
CAT25C03
C,I,A,E
2K (256x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,
4.5V/10MHz
1.8 - 6.0V,
2.5 - 6.0V
8
8
8
8
CAT25C05
C,I,A,E
4K (512x8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,
4.5V/10MHz
1.8 - 6.0V,
2.5 - 6.0V
8
8
8
CAT25C09
C,I,A,E
8K (1Kx8)
5mA/1µA
1.8V/1MHz,2.5V/5MHz,
4.5V/10MHz
1.8 - 6.0V,
2.5 - 6.0V
8
8
8
14
CAT25C17
C,I,A,E
16K (2Kx8)
3mA/1µA
1.8V/250kHz,2.5V/500kHz,
4.5V/1MHz
1.8 - 6.0V,
2.5 - 6.0V
8
8
14
20
CAT25C33
C,I,A,E
32K (4Kx8)
3mA/1µA
1.8V/250kHz,2.5V/500kHz,
4.5V/1MHz
1.8 - 6.0V,
2.5 - 6.0V
8
8
14
20
CAT25C65
C,I,A,E
64Kb (8Kx8)
3mA/1µA
1.8V/250kHz,2.5V/500kHz,
4.5V/1MHz
1.8 - 6.0V,
2.5 - 6.0V
8
8
14
20
APPLICATION SPECIFIC EEPROM
CAT34WC02
I
2Kb (256x8)
3mA/1µA
1.7V/100kHz,
4.5V/400kHz
1.7 - 5.5V
8
CAT34FC02
I
2Kb (256x8)
3mA/1µA
1.7V/100kHz,
2.5V/400kHz
1.7 - 5.5V
8
8
CAT34RC02
I
2Kb (256x8)
3mA/1µA
1.7V/100kHz,
2.5V/400kHz
1.7 - 5.5V
8
8
CAT24C21
I,E
1K (128x8)
2mA/1µA
2.5V / 400kHz
2.5 - 5.5V
8
8
8
8
8
CAT24C208
I,E
8K (1Kx8)
3mA/50µA
3.0V / 400kHz
3.0 - 5.5V
8
8
8
8
APPLICATION LITERATURE / EVALUATION AND DEMONSTRATION BOARDS
Document
Number
Title
AN1
Using Catalyst’s Serial EEPROMs in Shared Input/Output Configuration
AN2
I2C Interface to 8051 Micorocontroller
AN3
CAT64LC10:A User-Friendly Serial EEPROM
AN5
Interfacing Multiple CAT24WCXX Serial EEPROMs on the I2C Bus
AN6
CAT93CXX Serial EEPROM Design Guidelines for Power Up and Power Down Operation
AN6J
CAT93CXX Serial EEPROM Design Guidelines for Power Up and Power Down Operation - Japanese Translation
AN10
Data Protection and Power Up/Down Sequence for CAT25CXX SPI Serial EEPROM Devices
AN10J
Data Protection and Power Up/Down Sequence for CAT25CXX SPI Serial EEPROM Devices - Japanese Translation
s e r i a l e e p r o m s
Note:
1. Available in standard and“green”packages.
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com