Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT809
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT809 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT809 Datasheet HTML 7Page - Catalyst Semiconductor CAT809 Datasheet HTML 8Page - Catalyst Semiconductor CAT809 Datasheet HTML 9Page - Catalyst Semiconductor CAT809 Datasheet HTML 10Page - Catalyst Semiconductor CAT809 Datasheet HTML 11Page - Catalyst Semiconductor CAT809 Datasheet HTML 12Page - Catalyst Semiconductor CAT809 Datasheet HTML 13Page - Catalyst Semiconductor CAT809 Datasheet HTML 14Page - Catalyst Semiconductor CAT809 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
9
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
µ P s u p e r v i s o r y c i r c u i t s
Featured Products
Features
■
6 µA power supply current
■
pin compatible with MAX809,810,811 and 812
■
offered in two output configurations:
- push-pull RESET,active LOW (CAT809 and CAT811)
- push-pull RESET,active HIGH (CAT810 and CAT812)
■
power supply transient immunity
■
manual reset (MR) (CAT811 / CAT812 only)
■
precision monitoring of 5.0 V,3.3 V,3.0 V and
2.5 V power supplies
■
reset valid down to VCC = 1.0V
■
custom reset threshold voltage offered
Package Information
■
3-pin SOT23 (CAT809 / CAT810)
■
3-pin SC70 (CAT809 / CAT810)
■
4-pin SOT143 (CAT811 / CAT812)
CAT809 / CAT810 / CAT811 / CAT812
3-Pin/4-Pins Microprocessor Power Supply Supervisors
Features
■
power-up,power-down and brownout protection
■
watchdog timer
- selectable watchdog period
- 150ms,600ms or 1.2 sec
■
selectable reset voltage tolerance
- 5% or 10%
■
two reset outputs
- active low,open-drain reset output
- active high,push-pull reset output
■
debounced manual push-button reset
■
pin compatible with DS1232 and DS1232LP
Package Information
■
8-pin DIP
■
8-pin & 16-pin SOIC
■
8-pin MSOP
CAT1232LP
5 V µP Supply Voltage Monitor and µP Reset Circuit
CAT809
SUPERVISOR
MICROCONTROLLER
CATALYST
EEPROM
MEMORY
RESET
SIGNAL
SUPPLY VOLTAGE
PBRST
5V
TD
ST
VCC
TOL
MICROCONTROLLER
RESET
RESET
GND
RESET
I/O
MANUAL
RESET
CAT1232LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com