Electronic Components Datasheet Search
  English  ▼

X  

TEP Datasheet(PDF) 3 Page - Exxelia Group

Part # TEP
Description  High Capacitance Stacked Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TEP Datasheet(HTML) 3 Page - Exxelia Group

  TEP Datasheet HTML 1Page - Exxelia Group TEP Datasheet HTML 2Page - Exxelia Group TEP Datasheet HTML 3Page - Exxelia Group TEP Datasheet HTML 4Page - Exxelia Group TEP Datasheet HTML 5Page - Exxelia Group TEP Datasheet HTML 6Page - Exxelia Group TEP Datasheet HTML 7Page - Exxelia Group TEP Datasheet HTML 8Page - Exxelia Group TEP Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CERAMIC CAPACITORS
74
www.exxelia.com
Taping : dimensions
Page revised 02/21
–10
–60
–40
–20
0
20
40
60
80
100
120
–8
–6
–4
–2
0
2
4
∆C/C (%)
Temperature (°C)
UR = 100V
UR = 200V
UR = 500V
–70
–80
0
50
100
150
200
250
300
350
400
450
500
–60
–50
–40
–30
–20
–10
0
10
∆C/C (%)
Applied voltage (VDC)
UR = 500V
UR = 200V
UR = 100V
–10
–60
–40
–20
0
20
40
60
80
100
120
–8
–6
–4
–2
0
2
4
∆C/C (%)
Temperature (°C)
UR = 100V
UR = 200V
UR = 500V
X DIELECTRIC: TYPICAL TEMPERATURE
COEFFICIENT WITHOUT VOLTAGE (for all sizes)
T DIELECTRIC: TYPICAL VOLTAGE COEFFICIENT
AT 25°C (for all sizes)
T DIELECTRIC: TYPICAL TEMPERATURE
COEFFICIENT WITHOUT VOLTAGE (for all sizes)
–70
0
50
100
150
200
250
300
350
400
450
500
–60
–50
–40
–30
–20
–10
0
10
∆C/C (%)
Applied voltage (VDC)
UR = 500V
UR = 200V
UR = 100V
These capacitors have been developed in response to demand from switched
mode power supply (S.M.P.S.) and DC-DC converters manufacturers. They are
particularly suitable for filtering, smoothing and decoupling purpose in Hi-Rel
equipments. The capacitors utilize advanced ceramic technology to achieve Hi-
Rel long operating life and small size. They are designed for hybrid assemblies
and low profile printed circuit applications.
Customized assemblies may be achieved with standard bare chip sizes
mentioned in the following chapters.
General Information
X DIELECTRIC: TYPICAL VOLTAGE COEFFICIENT
AT 25°C (FOR ALL SIZES)
TYPICAL CURVES: R Series, SC/SV Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com