Electronic Components Datasheet Search
  English  ▼

X  

TEP Datasheet(PDF) 5 Page - Exxelia Group

Part # TEP
Description  High Capacitance Stacked Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TEP Datasheet(HTML) 5 Page - Exxelia Group

  TEP Datasheet HTML 1Page - Exxelia Group TEP Datasheet HTML 2Page - Exxelia Group TEP Datasheet HTML 3Page - Exxelia Group TEP Datasheet HTML 4Page - Exxelia Group TEP Datasheet HTML 5Page - Exxelia Group TEP Datasheet HTML 6Page - Exxelia Group TEP Datasheet HTML 7Page - Exxelia Group TEP Datasheet HTML 8Page - Exxelia Group TEP Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CERAMIC CAPACITORS
76
www.exxelia.com
Taping : dimensions
Page revised 02/21
Taping : dimensions
General Information
–45
–35
–25
–15
–5
25
20
15
10
5
0
∆C/C (%)
Applied voltage (VDC)
URC = 25V
URC = 15V
–10
–60
–40
–20
0
20
40
60
80
100
120
–5
0
5
10
∆C/C (%)
Temperature (°C)
MAXIMUM CURRENT VS FREQUENCY
TYPICAL TEMPERATURE COEFFICIENT
TYPICAL VOLTAGE COEFFICIENT
102
103
2
5
2
N (kHz)
0
5
10
5
CNC 31 2,2 µF
CNC 31 5,6 µF
CNC 32 12 µF
CNC 33 33 µF
CNC 34 39 µF
CNC 34 68 µF
CNC 32 15 µF
102
103
2
5
2
N (kHz)
5
CNC 31 1,2 µF
CNC 31 3,3 µF
CNC 32 4,7 µF
CNC 33 22 µF
CNC 34 15 µF
CNC 34 33 µF
CNC 32 10 µF
0
5
10
URC = 25 V DC (Typical curves for θ = 20°C).
URC = 16V DC (Typical curves for θ = 20°C).
102
103
2
5
2
N (kHz)
0
5
10
5
CNC 31 2,2 µF
CNC 31 5,6 µF
CNC 32 12 µF
CNC 33 33 µF
CNC 34 39 µF
CNC 34 68 µF
CNC 32 15 µF
102
103
2
5
2
N (kHz)
5
CNC 31 1,2 µF
CNC 31 3,3 µF
CNC 32 4,7 µF
CNC 33 22 µF
CNC 34 15 µF
CNC 34 33 µF
CNC 32 10 µF
0
5
10
URC = 25 V DC (Typical curves for θ = 20°C).
URC = 16V DC (Typical curves for θ = 20°C).
TYPICAL CURVES: CNC3X Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com