Electronic Components Datasheet Search
  English  ▼

X  

TEP Datasheet(PDF) 1 Page - Exxelia Group

Part # TEP
Description  High Capacitance Stacked Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TEP Datasheet(HTML) 1 Page - Exxelia Group

  TEP Datasheet HTML 1Page - Exxelia Group TEP Datasheet HTML 2Page - Exxelia Group TEP Datasheet HTML 3Page - Exxelia Group TEP Datasheet HTML 4Page - Exxelia Group TEP Datasheet HTML 5Page - Exxelia Group TEP Datasheet HTML 6Page - Exxelia Group TEP Datasheet HTML 7Page - Exxelia Group TEP Datasheet HTML 8Page - Exxelia Group TEP Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CERAMIC CAPACITORS
99
www.exxelia.com
General characteristics
Page revised 02/21
High Capacitance Stacked Capacitors
TEP/TEV Series
HOW TO ORDER
TEP
53
W
F
120nF
±10%
200 V
Series
Exxelia size code
RoHS
compliant
Quality level
Capacitance
Tolerance
Rated voltage
TEP =
radial leads
vertical stack
TEV =
radial leads
horizontal stack
53
54
55
56
57
58
65
- = No RoHS
W = RoHS
compliant
- = standard quality level
F = Hi-Rel quality:
screening in accordance with
Exxelia specification
Capacitance value in clear
±1%
±2%
±5%
±10%
±20%
63V
100V
200V
500V
FEATURES
• Multilayer chips ceramic capacitors
• NPO dielectric
• Capacitance range: 10nF to 2.7
µF
• Voltage range: 63 VDC to 500 VDC
PHYSICAL CHARACTERISTICS
CONSTRUCTION
Radial leaded varnished stacked chips capacitors for
through-hole circuits
MARKING (clear or coded)
Series, Capacitance value, tolerance, rated voltage, date
code.
ELECTRICAL SPECIFICATIONS
DIELECTRIC
NPO
Maximum ∆C/°C over temperature range without voltage
NA
Temperature coefficient
(0±30)ppm/°C
Ageing
None
Operating temperature
–55°C to +125°C
Rated voltage (URC)
63 VDC to 500 VDC
Dielectric withstanding voltage
2.5 URC for URC < 500 VDC
2 URC for URC = 500 VDC
Capacitance
at 1kHz
Dissipation factor
≤ 0.15% at 1kHz
Insulation resistance at 25°C under URC
≥ 1,000 MΩ.
µF


Similar Part No. - TEP

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEP-100 TRACOPOWER-TEP-100 Datasheet
1Mb / 5P
TEP 100 Series, 100 Watt
Rev. November 30, 2022
TEP-100CMF TRACOPOWER-TEP-100CMF Datasheet
1Mb / 5P
TEP 100CMF Series, 100 Watt
Rev. March 16, 2023
TEP-100UIR TRACOPOWER-TEP-100UIR Datasheet
967Kb / 6P
TEP 100UIR Series, 100 Watt
Rev. November 30, 2022
TEP-100WIR TRACOPOWER-TEP-100WIR Datasheet
1Mb / 5P
TEP 100WIR Series, 100 Watt
Rev. November 30, 2022
TEP-100WIRCM TRACOPOWER-TEP-100WIRCM Datasheet
1Mb / 5P
TEP 100WIRCM Series, 100 Watt
Rev. March 16, 2023
More results

Similar Description - TEP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
logo
Exxelia Group
CEC5X EXXELIA-CEC5X Datasheet
2Mb / 18P
High Capacitance Stacked Capacitors
02/21
CNC3X EXXELIA-CNC3X Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
CSSERIES EXXELIA-CSSERIES Datasheet
811Kb / 18P
High Voltage Stacked Capacitors
Page revised 02/21
TCN8X EXXELIA-TCN8X Datasheet
2Mb / 17P
High Capacitance Molded Stacked Capacitors
revised 02/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com