Electronic Components Datasheet Search
  English  ▼

X  

TEP Datasheet(PDF) 4 Page - Exxelia Group

Part # TEP
Description  High Capacitance Stacked Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TEP Datasheet(HTML) 4 Page - Exxelia Group

  TEP Datasheet HTML 1Page - Exxelia Group TEP Datasheet HTML 2Page - Exxelia Group TEP Datasheet HTML 3Page - Exxelia Group TEP Datasheet HTML 4Page - Exxelia Group TEP Datasheet HTML 5Page - Exxelia Group TEP Datasheet HTML 6Page - Exxelia Group TEP Datasheet HTML 7Page - Exxelia Group TEP Datasheet HTML 8Page - Exxelia Group TEP Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CERAMIC CAPACITORS
75
www.exxelia.com
General characteristics
Page revised 02/21
0.1
1
10
100
0.1
1
10
100
F (MHz)
Capacitance (µF)
SMD
Radial leaded caps
1
10
100
I (ARMS)
Frequency (MHz)
10µF
3.3µF
1µF
0.33µF
0.1µF
0.1
0.10
1
10
100
TYPICAL ESR VS FREQUENCY
The ESR (Equivalent Serial Resistance) curves are given here for SMD (chips all case sizes) capacitors.
Regarding the curves for the leaded capacitors, they are rather the same. ndeed, due to the resistivity of
the raw material used and the wire diameters, the resistance of the wires is much lower than the ESR
of the chips. So, in a first approach, their influence can be considered as negligible.
TYPICAL MAXIMUM ADMISSIBLE CURRENT VS FREQUENCY
These typical curves are an example of admissible currents for one family of chip capacitors: 501R3740X
chip series. For other curves and products or for further information, please contact us. Note: for the calcu-
lations, we have considered that the terminations are directly connected to an infinite heat sink. In other
words, the thermal resistance of the circuit itself which depends of its type and design has not been taken
into account. Moreover, the ambient temperature taken is 25°C.
TYPICAL ESR VS FREQUENCY
General Information
TYPICAL CURVES: R Series, SC/SV Series
0.001
0.01
0.1
1
10
100
10
1
0.1
0.01
ESR (ohm)
Frequency (MHz)
10µF
3.3µF
1µF
0.33µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com