Electronic Components Datasheet Search
  English  ▼

X  

TEP Datasheet(PDF) 7 Page - Exxelia Group

Part # TEP
Description  High Capacitance Stacked Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TEP Datasheet(HTML) 7 Page - Exxelia Group

Back Button TEP Datasheet HTML 3Page - Exxelia Group TEP Datasheet HTML 4Page - Exxelia Group TEP Datasheet HTML 5Page - Exxelia Group TEP Datasheet HTML 6Page - Exxelia Group TEP Datasheet HTML 7Page - Exxelia Group TEP Datasheet HTML 8Page - Exxelia Group TEP Datasheet HTML 9Page - Exxelia Group TEP Datasheet HTML 10Page - Exxelia Group TEP Datasheet HTML 11Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CERAMIC CAPACITORS
78
www.exxelia.com
Taping : dimensions
Page revised 02/21
Taping : dimensions
General Information
TYPICAL CURVES: TCN8X Series
TCN83: TYPICAL EQUIVALENT SERIAL
RESISTANCE (ESR) VS FREQUENCY (N)
TCN83: CURRENT (IRMS) VS FREQUENCY (N)
TYPICAL CURVES FOR ∆V≤ 20°C
TCN86: CURRENT (IRMS) VS FREQUENCY (N)
TYPICAL CURVES FOR ∆V≤ 20°C
TCN87: CURRENT (IRMS) VS FREQUENCY (N)
TYPICAL CURVES FOR ∆V≤ 20°C
TCN86: TYPICAL EQUIVALENT SERIAL
RESISTANCE (ESR) VS FREQUENCY (N)
TCN87: TYPICAL EQUIVALENT SERIAL
RESISTANCE (ESR) VS FREQUENCY (N)
vs
frequency
N (kHz)
7,
4
F
µ
10 µF
47 µF
100 µF
TCN 83
0,1
5
2
10 2
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
0
2
4
6
8
10
12
14
16
18
20
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 83
50V
50V
100V
200V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
0,1
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
ESR (m )
N (kHz)
4,7 µF
10 µF
47 µF
100 µF
TCN 86
0
50
40
30
20
10
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 86
50 V
50 V
100 V
200 V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
ESR (m )
0,1
5
2
10 2
5
2
10
5
2
1
N (kHz)
10
10 3
10 2
10 4
5
2
2
2
5
5
2,2 µF
10 µF
33 µF
82 µF
CNC 87 P
CNC 87 N
TCN 87
0
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
60
50
40
30
20
10
50 V
100 V
200 V
500 V
-
F
µ
28
- 33 µF
- 10 µF
µ
2,
2
--
TCN 87
7
7
ESR (m )
vs
frequency
N (kHz)
7,
4
F
µ
10 µF
47 µF
100 µF
TCN 83
0,1
5
2
10 2
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
0
2
4
6
8
10
12
14
16
18
20
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 83
50V
50V
100V
200V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
0,1
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
ESR (m )
N (kHz)
4,7 µF
10 µF
47 µF
100 µF
TCN 86
0
50
40
30
20
10
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 86
50 V
50 V
100 V
200 V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
ESR (m )
0,1
5
2
10 2
5
2
10
5
2
1
N (kHz)
10
10 3
10 2
10 4
5
2
2
2
5
5
2,2 µF
10 µF
33 µF
82 µF
CNC 87 P
CNC 87 N
TCN 87
0
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
60
50
40
30
20
10
50 V
100 V
200 V
500 V
-
F
µ
28
- 33 µF
- 10 µF
µ
2,
2
--
TCN 87
7
7
ESR (m )
vs
frequency
N (kHz)
7,
4
F
µ
10 µF
47 µF
100 µF
TCN 83
0,1
5
2
10 2
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
0
2
4
6
8
10
12
14
16
18
20
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 83
50V
50V
100V
200V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
0,1
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
ESR (m )
N (kHz)
4,7 µF
10 µF
47 µF
100 µF
TCN 86
0
50
40
30
20
10
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 86
50 V
50 V
100 V
200 V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
ESR (m )
0,1
5
2
10 2
5
2
10
5
2
1
N (kHz)
10
10 3
10 2
10 4
5
2
2
2
5
5
2,2 µF
10 µF
33 µF
82 µF
CNC 87 P
CNC 87 N
TCN 87
0
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
60
50
40
30
20
10
50 V
100 V
200 V
500 V
-
F
µ
28
- 33 µF
- 10 µF
µ
2,
2
--
TCN 87
7
7
ESR (m )
vs
frequency
N (kHz)
7,
4
F
µ
10 µF
47 µF
100 µF
TCN 83
0,1
5
2
10 2
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
0
2
4
6
8
10
12
14
16
18
20
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 83
50V
50V
100V
200V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
0,1
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
ESR (m )
N (kHz)
4,7 µF
10 µF
47 µF
100 µF
TCN 86
0
50
40
30
20
10
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 86
50 V
50 V
100 V
200 V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
ESR (m )
0,1
5
2
10 2
5
2
10
5
2
1
N (kHz)
10
10 3
10 2
10 4
5
2
2
2
5
5
2,2 µF
10 µF
33 µF
82 µF
CNC 87 P
CNC 87 N
TCN 87
0
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
60
50
40
30
20
10
50 V
100 V
200 V
500 V
-
F
µ
28
- 33 µF
- 10 µF
µ
2,
2
--
TCN 87
7
7
ESR (m )
vs
frequency
N (kHz)
7,
4
F
µ
10 µF
47 µF
100 µF
TCN 83
0,1
5
2
10 2
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
0
2
4
6
8
10
12
14
16
18
20
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 83
50V
50V
100V
200V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
0,1
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
ESR (m )
N (kHz)
4,7 µF
10 µF
47 µF
100 µF
TCN 86
0
50
40
30
20
10
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 86
50 V
50 V
100 V
200 V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
ESR (m )
0,1
5
2
10 2
5
2
10
5
2
1
N (kHz)
10
10 3
10 2
10 4
5
2
2
2
5
5
2,2 µF
10 µF
33 µF
82 µF
CNC 87 P
CNC 87 N
TCN 87
0
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
60
50
40
30
20
10
50 V
100 V
200 V
500 V
-
F
µ
28
- 33 µF
- 10 µF
µ
2,
2
--
TCN 87
7
7
ESR (m )
vs
frequency
N (kHz)
7,
4
F
µ
10 µF
47 µF
100 µF
TCN 83
0,1
5
2
10 2
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
0
2
4
6
8
10
12
14
16
18
20
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 83
50V
50V
100V
200V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
0,1
5
2
10
5
2
1
10
10 3
10 2
10 4
5
2
2
2
5
5
ESR (m )
N (kHz)
4,7 µF
10 µF
47 µF
100 µF
TCN 86
0
50
40
30
20
10
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
TCN 86
50 V
50 V
100 V
200 V
- 100 µF
- 47 µF
- 10 µF
- 4,7 µF
ESR (m )
0,1
5
2
10 2
5
2
10
5
2
1
N (kHz)
10
10 3
10 2
10 4
5
2
2
2
5
5
2,2 µF
10 µF
33 µF
82 µF
CNC 87 P
CNC 87 N
TCN 87
0
10
10 3
10 2
10 4
5
2
2
2
5
5
N (kHz)
(A)
60
50
40
30
20
10
50 V
100 V
200 V
500 V
-
F
µ
28
- 33 µF
- 10 µF
µ
2,
2
--
TCN 87
7
7
ESR (m )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com