Electronic Components Datasheet Search
  English  ▼

X  

BFG480 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG480
Description  NPN wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG480 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG480 Datasheet HTML 3Page - NXP Semiconductors BFG480 Datasheet HTML 4Page - NXP Semiconductors BFG480 Datasheet HTML 5Page - NXP Semiconductors BFG480 Datasheet HTML 6Page - NXP Semiconductors BFG480 Datasheet HTML 7Page - NXP Semiconductors BFG480 Datasheet HTML 8Page - NXP Semiconductors BFG480 Datasheet HTML 9Page - NXP Semiconductors BFG480 Datasheet HTML 10Page - NXP Semiconductors BFG480 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Oct 21
7
Philips Semiconductors
Product specification
NPN wideband transistor
BFG480W
Fig.9 Common emitter input reflection coefficient (S11); typical values.
IC = 80 mA; VCE = 2 V; Zo =50 Ω.
handbook, full pagewidth
MGR630
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
40 MHz
3 GHz
Fig.10 Common emitter forward transmission coefficient (S21); typical values.
IC = 80 mA; VCE =2V.
handbook, full pagewidth
MGR631
25
20
15
10
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
40 MHz
3 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com