Electronic Components Datasheet Search
  English  ▼

X  

BFG480 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFG480
Description  NPN wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG480 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFG480 Datasheet HTML 5Page - NXP Semiconductors BFG480 Datasheet HTML 6Page - NXP Semiconductors BFG480 Datasheet HTML 7Page - NXP Semiconductors BFG480 Datasheet HTML 8Page - NXP Semiconductors BFG480 Datasheet HTML 9Page - NXP Semiconductors BFG480 Datasheet HTML 10Page - NXP Semiconductors BFG480 Datasheet HTML 11Page - NXP Semiconductors BFG480 Datasheet HTML 12Page - NXP Semiconductors BFG480 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Oct 21
9
Philips Semiconductors
Product specification
NPN wideband transistor
BFG480W
Noise data
VCE = 2 V; typical values.
f
(MHz)
IC
(mA)
Fmin
(dB)
Γmag
Γangle
rn
(
Ω)
900
2
1.1
0.41
96.1
0.21
4
1.1
0.31
106.6
0.14
6
1.2
0.27
118.4
0.12
8
1.2
0.26
131.7
0.10
10
1.3
0.28
143.2
0.10
20
1.6
0.39
166.2
0.07
40
2.0
0.49
176.0
0.07
60
2.3
0.57
179.5
0.07
80
2.9
0.45
177.3
0.18
2000
2
2.4
0.57
171.9
0.09
4
2.0
0.49
178.9
0.08
6
1.8
0.46
−175.7
0.09
8
1.8
0.44
−171.7
0.09
10
1.8
0.43
−168.4
0.09
12
1.8
0.44
−165.3
0.10
14
1.8
0.44
−163.7
0.10
20
1.9
0.46
−158.3
0.11
40
2.3
0.52
−150.2
0.14
60
2.6
0.56
−147.7
0.18
80
2.8
0.60
−146.1
0.22
Fig.13 Minimum noise figure as a function of
collector current; typical values.
VCE =2V.
handbook, halfpage
020
40
80
4
3
1
0
2
MGR634
IC (mA)
Fmin
(dB)
60
900 MHz
2 GHz
APPLICATION INFORMATION
RF performance at Ts ≤ 60 °C in a common emitter test circuit (see Figs 18 and 19).
MODE OF OPERATION
f
(GHz)
VCE
(V)
ICQ
(mA)
PL
(mW)
Gp
(dB)
ηC
(%)
Pulsed; class-AB;
δ < 1 : 2; tp = 5 ms
2
3.6
1
100
typ. 13.5
typ. 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com