Electronic Components Datasheet Search
  English  ▼

X  

BFG480 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG480
Description  NPN wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG480 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG480 Datasheet HTML 1Page - NXP Semiconductors BFG480 Datasheet HTML 2Page - NXP Semiconductors BFG480 Datasheet HTML 3Page - NXP Semiconductors BFG480 Datasheet HTML 4Page - NXP Semiconductors BFG480 Datasheet HTML 5Page - NXP Semiconductors BFG480 Datasheet HTML 6Page - NXP Semiconductors BFG480 Datasheet HTML 7Page - NXP Semiconductors BFG480 Datasheet HTML 8Page - NXP Semiconductors BFG480 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Oct 21
4
Philips Semiconductors
Product specification
NPN wideband transistor
BFG480W
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. Gmax is the maximum power gain, if K > 1. If K < 1 then Gmax = MSG; see Figs 6, 7 and 8.
2. ZS is optimized for noise; ZL is optimized for gain.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC =50 µA; IE = 0
14.5
−−
V
V(BR)CEO
collector-emitter breakdown voltage
IC = 5 mA; IB = 0
4.5
−−
V
V(BR)EBO
emitter-base breakdown voltage
IE = 100 µA; IC =0
1
−−
V
ICBO
collector-base leakage current
VCE =5V; VBE =0
−−
70
nA
hFE
DC current gain
IC = 80 mA; VCE = 2 V; see Fig.3
40
60
100
Cc
collector capacitance
IE =ie = 0; VCB = 2 V; f = 1 MHz
−
1.4
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−
2.2
−
pF
Cre
feedback capacitance
IC = 0; VCB = 2 V; f = 1 MHz;
see Fig.4
−
340
−
fF
fT
transition frequency
IC = 80 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C; see Fig.5
−
21
−
GHz
Gmax
maximum power gain; note 1
IC = 80 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C; see Figs 7 and 8
−
16
−
dB
insertion power gain
IC = 80 mA; VCE = 2 V; f = 2 GHz;
Tamb =25 °C; see Fig.8
−
12
−
dB
F
noise figure
IC = 8 mA; VCE = 2 V; f = 900 MHz;
ΓS = Γopt; see Fig.13
−
1.2
−
dB
IC = 8 mA; VCE = 2 V; f = 2 GHz;
ΓS = Γopt; see Fig.13
−
1.8
−
dB
PL1
output power at 1 dB gain
compression
Class-AB;
δ < 1 : 2; tp = 5 ms;
VCE = 3.6 V; ICQ = 1 mA; f = 2 GHz
−
20
−
dBm
ITO
third order intercept point
IC = 80 mA; VCE = 2 V; f = 2 GHz;
ZS =ZS opt; ZL =ZL opt; note 2
−
28
−
dBm
S
21
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com