Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3015 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # CYUSB3015
Description  EZ-USB SX3: Configurable SuperSpeed USB Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB3015 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button CYUSB3015 Datasheet HTML 9Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 10Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 11Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 12Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 13Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 14Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 15Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 16Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Document Number: 002-30704 Rev. *C
Page 12 of 38
CYUSB3015
CYUSB3016
CYUSB3017
Digital I/Os
SX3 has internal firmware-controlled pull-up and pull-down
resistors on all digital I/O pins. An internal 50-k
 resistor pulls
the pins high, while an internal 10-k
 resistor pulls the pins low
to prevent them from floating. The I/O pins may have the
following states:
■ Tristated (High-Z)
■ Weak pull-up (via internal 50 k)
■ Pull-down (via internal 10 k)
■ Hold (I/O hold its value) when in low-power modes
All unused I/Os should be pulled high by using the internal
pull-up resistors. All unused outputs should be left floating. All
I/Os can be driven at full-strength, three-quarter strength,
half-strength, or quarter-strength. These drive strengths are
configured separately for each interface.
GPIOs
SX3 supports seven GPIOs. They can be configured to one of
the pre-defined Input or Output function using the SX3
Configuration utility. All general configurable interface pins and
GPIO pins support an external load of up to 16 pF for every pin.
EMI
SX3 meets EMI requirements outlined by FCC 15B (USA) and
EN55022 (Europe) for consumer electronics. SX3 can tolerate
EMI, conducted by the aggressor, outlined by these specifica-
tions and continue to function as expected.
System-level ESD
SX3 has built-in electrostatic discharge (ESD) protection on the
D+, D–, and GND pins on the USB interface. The ESD protection
levels provided on these ports are:
■ ±2.2-kV human body model (HBM) based on JESD22-A114
Specification.
■ ±6-kV contact discharge and ±8-kV air gap discharge based
on IEC61000-4-2 level 3A.
■ ± 8-kV Contact Discharge and ±15-kV Air Gap Discharge based
on IEC61000-4-2 level 4C.
This protection ensures the device continues to function after
ESD events up to the levels stated in this section.
The SSRX+, SSRX–, SSTX+, and SSTX– pins only have up to
±2.2-kV HBM internal ESD protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com