Electronic Components Datasheet Search
  English  ▼

X  

CYUSB3015 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CYUSB3015
Description  EZ-USB SX3: Configurable SuperSpeed USB Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB3015 Datasheet(HTML) 2 Page - Infineon Technologies AG

  CYUSB3015 Datasheet HTML 1Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 2Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 3Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 4Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 5Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 6Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 7Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 8Page - Infineon Technologies AG CYUSB3015 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
CYUSB3015
CYUSB3016
CYUSB3017
EZ-USB SX3:
Configurable SuperSpeed USB Controller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-30704 Rev. *C
Revised June 14, 2021
CYUSB3015 / CYUSB3016 / CYUSB3017, EZ-USB™ SX3: Configurable SuperSpeed USB Controller
Features
■ Universal Serial Bus (USB) integration
❐ USB 3.2, Gen 1 and USB 2.0 peripherals compliant with
USB 3.2 Specification Revision 1.0
❐ 5-Gbps SuperSpeed PHY compliant with USB 3.2 Gen 1
❐ Three physical endpoints
❐ Supports UVC, UAC, and USB vendor class protocol
■ General Configurable Interface
❐ Support up to 100 MHz
❐ 8-, 16-, 24-, and 32-bit data bus
❐ Supports Slave FIFO, parallel camera interface
■ 32-bit CPU
❐ ARM926EJ core with 200-MHz operation
❐ 512-KB embedded SRAM
■ Additional connectivity to the following peripherals
❐ SPI boot flash
❐ I2C slaves at 100 kHz / 400 kHz / 1 MHz
■ Selectable clock input frequencies
❐ 19.2, 26, 38.4, and 52 MHz
❐ 19.2-MHz crystal input support
■ Ultra low-power in core power-down mode
❐ Less than 60 µA with VBATT on and 20 µA with VBATT off
■ Independent power domains for core and I/O
❐ Core operation at 1.2 V
❐ SPI operation at 1.8 V to 3.3 V
❐ I2C operation at 1.2 V to 3.3 V
■ Package options
❐ 121-ball, 10-mm  10-mm, 0.8-mm pitch Pb-free ball grid
array (BGA)
❐ See Table 16 for details on SX3 variants
■ EZ-USB™ SX3 configuration utility for configuration of SX3
❐ Works on Windows, macOS, Linux
❐ Example configurations for image sensor, HDMI receiver,
and data applications
❐ Supports programming of SX3 and configure the FPGA
❐ Supports merging of FPGA configuration with SX3
configuration and store in a single SPI flash
■ SX3 Development Kit available for rapid prototyping
❐ Third party HDMI to USB3 capture card kit available from
Cypress design partner
Applications
■
USB WebCAMs
■
Document cameras
■
Video conference systems
■
USB to Low-voltage Differential Signaling (LVDS) camera
interface boards
■
HDMI USB video capture cards
■ SDI USB video capture cards
■
Test and measurement equipment
■
Surveillance cameras
■
Medical imaging devices
■
Industrial cameras
■ USB logic analyzers
■ USB oscilloscopes
■
USB data loggers
■
USB data acquisition systems
■
USB Time-of-Flight (TOF) Cameras
Functional Description
For a complete list of related documentation, click here.
Errata: For information on silicon errata, see “Errata” on page 35. Details include trigger conditions, devices affected, and proposed workaround.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com